Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2T6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STR712FR2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2T6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STR712FR2T6 Datasheet HTML 10Page - STMicroelectronics STR712FR2T6 Datasheet HTML 11Page - STMicroelectronics STR712FR2T6 Datasheet HTML 12Page - STMicroelectronics STR712FR2T6 Datasheet HTML 13Page - STMicroelectronics STR712FR2T6 Datasheet HTML 14Page - STMicroelectronics STR712FR2T6 Datasheet HTML 15Page - STMicroelectronics STR712FR2T6 Datasheet HTML 16Page - STMicroelectronics STR712FR2T6 Datasheet HTML 17Page - STMicroelectronics STR712FR2T6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
STR71xF - INTRODUCTION
14/49
61
J7
D.0
I/O
8mA
External Memory Interface: data bus
62
H7
D.1
I/O
8mA
63
M8
D.2
I/O
8mA
64
L8
D.3
I/O
8mA
65 M10 D.4
I/O
8mA
66 M11 VDDA
S
Supply voltage for A/D Converter
67
K8
VSSA
S
Ground voltage for A/D Converter
68
J8
N.C.
Not connected (not bonded)
69
L9
N.C.
Not connected (not bonded)
70
M9
N.C.
Not connected (not bonded)
71
K9
P1.0/T3.OC-
MPB/AIN.0
I/O pu
CT
4mA X
X
Port 1.0
Timer 3: Output
Compare B
ADC: Analog input 0
72 L10
P1.1/T3.ICA-
PA/T3.EXT-
CLK/AIN.1
I/O pu
CT
4mA X
X
Port 1.1
Timer 3: Input
Capture A or Ex-
ternal Clock input
ADC: Analog input 1
73 M12
P1.2/T3.OCM-
PA/AIN.2
I/O pu
CT
4mA X
X
Port 1.2
Timer 3: Output
Compare A
ADC: Analog input 2
74 L11
P1.3/
T3.ICAPB/
AIN.3
I/O pu
CT
4mA X
X
Port 1.3
Timer 3: Input
Capture B
ADC: Analog input 3
75 K11
P1.4/T1.ICA-
PA/T1.EXT-
CLK
I/O pu
CT
4mA X
X
Port 1.4
Timer 1: Input
Capture A
Timer 1: External Clock
input
76 K10
P1.5/
T1.ICAPB
I/O pu
CT
4mA X
X
Port 1.5
Timer 1: Input
Capture B
77 J12
P1.6/T1.OC-
MPB
I/O pu
CT
4mA X
X
Port 1.6
Timer 1: Output
Compare B
78 J11 D.5
I/O
8mA
External Memory Interface: data bus
79 L12 D.6
I/O
8mA
80 K12 D.7
I/O
8mA
81 J10 D.8
I/O
8mA
82
J9
D.9
I/O
8mA
83 H12 V33IO-PLL
S
Supply voltage for digital I/O circuitry and for PLL refer-
ence
84 H11 VSSIO-PLL
S
Ground voltage for digital I/O circuitry and for PLL ref-
erence
85 H10
P1.7/T1.OCM-
PA
I/O pu
CT
4mA X
X
Port 1.7
Timer 1: Output
Compare A
86
H9
P1.8
I/O pd
CT
4mA X
X
Port 1.8
87 F12 N.C.
Not connected (not bonded)
Table 3. STR710 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com