Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR2T6 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STR712FR2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR2T6 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STR712FR2T6 Datasheet HTML 39Page - STMicroelectronics STR712FR2T6 Datasheet HTML 40Page - STMicroelectronics STR712FR2T6 Datasheet HTML 41Page - STMicroelectronics STR712FR2T6 Datasheet HTML 42Page - STMicroelectronics STR712FR2T6 Datasheet HTML 43Page - STMicroelectronics STR712FR2T6 Datasheet HTML 44Page - STMicroelectronics STR712FR2T6 Datasheet HTML 45Page - STMicroelectronics STR712FR2T6 Datasheet HTML 46Page - STMicroelectronics STR712FR2T6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
STR71xF - ELECTRICAL CHARACTERISTICS
43/49
2.11 ADC Electrical Characteristics
V33 = 3.3 ± 10%, AVDD = 3.3 ± 10%, TA = -40 / 85 °C unless otherwise specified.
Table 23. ADC Electrical Characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
RES
Resolution
Sinewave with
∆VIN amplitude
12
bits
∆VIN
Input Voltage Range
0
2.5
V
fMOD
Modulator Oversampling Fre-
quency
2.1
MHz
IBW
Input Bandwidth
fMOD/
4096
kHz
Nch
Number of Input Channels
4
n
PBR
Passband Ripple
0.1
dB
SINAD
S/N and Distortion
56
63
dB
THD
Total Harmonic Distortion
60
74
dB
ZIN
Input Impedance
fMOD = 2 MHz
1
M
Ω
CIN
Input Capacitance
5
pF
IADC
Power Consumption
TA = 27 °C
2.5
3.0
mA
ISTBY
Standby Power Consumption
TA = 27 °C
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com