Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 17Page - Texas Instruments MSP430F423IPM Datasheet HTML 18Page - Texas Instruments MSP430F423IPM Datasheet HTML 19Page - Texas Instruments MSP430F423IPM Datasheet HTML 20Page - Texas Instruments MSP430F423IPM Datasheet HTML 21Page - Texas Instruments MSP430F423IPM Datasheet HTML 22Page - Texas Instruments MSP430F423IPM Datasheet HTML 23Page - Texas Instruments MSP430F423IPM Datasheet HTML 24Page - Texas Instruments MSP430F423IPM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
21
MSP430F427, MSP430F425, MSP430F423
www.ti.com
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Specifications
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
The parasitic capacitance from the package and board may be estimated to be 2 pF. The effective load capacitor for the crystal is
(CXIN × CXOUT) / (CXIN + CXOUT). This is independent of XTS_FLL.
(2)
To improve EMI on the low-power LFXT1 oscillator, particularly in the LF mode (32 kHz), the following guidelines should be observed.
•
Keep the trace between the device and the crystal as short as possible.
•
Design a good ground plane around the oscillator pins.
•
Prevent crosstalk from other clock or data lines into oscillator pins XIN and XOUT.
•
Avoid running PCB traces underneath or adjacent to the XIN and XOUT pins.
•
Use assembly materials and processes that avoid any parasitic load on the oscillator XIN and XOUT pins.
•
If conformal coating is used, ensure that it does not induce capacitive or resistive leakage between the oscillator pins.
•
Do not route the XOUT line to the JTAG header to support the serial programming adapter as shown in other documentation. This
signal is no longer required for the serial programming adapter.
(3)
TI recommends external capacitance for precision real-time clock applications; OSCCAPx = 0h.
(4)
Applies only when using an external logic-level clock source. XTS_FLL must be set. Not applicable when using a crystal or resonator.
5.19 Crystal Oscillator, LFXT1 Oscillator
(1) (2)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
CXIN
Integrated input capacitance(3)
OSCCAPx = 0h
3 V
0
pF
OSCCAPx = 1h
10
OSCCAPx = 2h
14
OSCCAPx = 3h
18
CXOUT Integrated output capacitance
(3)
OSCCAPx = 0h
3 V
0
pF
OSCCAPx = 1h
10
OSCCAPx = 2h
14
OSCCAPx = 3h
18
VIL
Input levels at XIN(4)
3 V
VSS
0.2 × VCC
V
VIH
0.8 × VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com