Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 7Page - Texas Instruments MSP430F423IPM Datasheet HTML 8Page - Texas Instruments MSP430F423IPM Datasheet HTML 9Page - Texas Instruments MSP430F423IPM Datasheet HTML 10Page - Texas Instruments MSP430F423IPM Datasheet HTML 11Page - Texas Instruments MSP430F423IPM Datasheet HTML 12Page - Texas Instruments MSP430F423IPM Datasheet HTML 13Page - Texas Instruments MSP430F423IPM Datasheet HTML 14Page - Texas Instruments MSP430F423IPM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
f (MHz)
1.8 V
3.6 V
2.7 V
3 V
4.15 MHz
8 MHz
V
− Supply Voltage − V
CC
Supply voltage range with SD16
enabled or during programming
of the flash memory
Supply voltage range
during program execution
6 MHz
11
MSP430F427, MSP430F425, MSP430F423
www.ti.com
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Specifications
Copyright © 2004–2016, Texas Instruments Incorporated
Figure 5-1. Frequency vs Supply Voltage
(1)
All inputs are tied to 0 V or VCC. Outputs do not source or sink any current. The current consumption in LPM2, LPM3, and LPM4 are
measured with active Basic Timer1 and LCD (ACLK selected). The current consumption of the SD16 and the SVS module are specified
in their respective sections. LPMx currents measured with WDT+ disabled. The currents are characterized with a KDS Daishinku DT-38
(6 pF) crystal.
(2)
Current consumption for brownout is included.
5.4
Supply Current Into AVCC and DVCC Excluding External Current
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TA
VCC
MIN
TYP
MAX
UNIT
I(AM)
Active mode (AM)
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
f(ACLK) = 32768 Hz, XTS_FLL = 0,
program executes in flash
–40°C to 85°C
3 V
400
500
µA
I(LPM0)
Low-power mode 0 or 1 (LPM0 or LPM1)(2)
f(MCLK) = f(SMCLK) = f(DCO) = 1 MHz,
f(ACLK) = 32768 Hz, XTS_FLL = 0,
FN_8 = FN_4 = FN_3 = FN_2 = 0
–40°C to 85°C
3 V
130
150
µA
I(LPM2)
Low-power mode 2 (LPM2)(2)
–40°C to 85°C
3 V
10
22
µA
I(LPM3)
Low-power mode 3 (LPM3) (2)
–40°C
3 V
1.5
2.0
µA
25°C
1.6
2.1
60°C
1.7
2.2
85°C
2.0
3.5
I(LPM4)
Low-power mode 4 (LPM4)(2)
–40°C
3 V
0.1
0.5
µA
25°C
0.1
0.5
85°C
0.8
2.5
Current consumption of active mode versus system frequency:
I(AM) = I(AM) [at 1 MHz] × f(System) [MHz]
Current consumption of active mode versus supply voltage:
I(AM) = I(AM) [at 3 V] + 170 µA/V × (VCC – 3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com