Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 28Page - Texas Instruments MSP430F423IPM Datasheet HTML 29Page - Texas Instruments MSP430F423IPM Datasheet HTML 30Page - Texas Instruments MSP430F423IPM Datasheet HTML 31Page - Texas Instruments MSP430F423IPM Datasheet HTML 32Page - Texas Instruments MSP430F423IPM Datasheet HTML 33Page - Texas Instruments MSP430F423IPM Datasheet HTML 34Page - Texas Instruments MSP430F423IPM Datasheet HTML 35Page - Texas Instruments MSP430F423IPM Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
32
MSP430F427, MSP430F425, MSP430F423
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Detailed Description
Copyright © 2004–2016, Texas Instruments Incorporated
6.6
Memory Organization
Table 6-9 summarizes the memory map of the MSP430F42x MCUs.
Table 6-9. Memory Organization
MSP430F423
MSP430F425
MSP430F427
Memory
Size
8KB
16KB
32KB
Interrupt vector
Flash
0FFFFh–0FFE0h
0FFFFh–0FFE0h
0FFFFh–0FFE0h
Code memory
Flash
0FFFFh–0E000h
0FFFFh–0C000h
0FFFFh–08000h
Information memory
Size
256 Byte
256 Byte
256 Byte
010FFh–01000h
010FFh–01000h
010FFh–01000h
Boot memory
Size
1KB
1KB
1KB
0FFFh–0C00h
0FFFh–0C00h
0FFFh–0C00h
RAM
Size
256 Byte
512 Byte
1KB
02FFh–0200h
03FFh–0200h
05FFh–0200h
Peripherals
16-bit
01FFh–0100h
01FFh–0100h
01FFh–0100h
8-bit
0FFh–010h
0FFh–010h
0FFh–010h
8-bit SFR
0Fh–00h
0Fh–00h
0Fh–00h
6.7
Bootloader (BSL)
The BSL lets users program the flash memory or RAM using a UART serial interface. Access to the MCU
memory through the BSL is protected by user-defined password. For complete description of the features
of the BSL and its implementation, see MSP430 Programming WIth the Bootloader (BSL).
BSL FUNCTION
PM PACKAGE PINS
Data transmit
53 - P1.0
Data receiver
52 - P1.1
6.8
Flash Memory
The flash memory (see Figure 6-7) can be programmed using the JTAG port, the bootloader, or in system
by the CPU. The CPU can perform single-byte and single-word writes to the flash memory. Features of
the flash memory include:
•
Flash memory has n segments of main memory and two segments of information memory (A and B) of
128 bytes each. Each segment in main memory is 512 bytes in size.
•
Segments 0 to n may be erased in one step, or each segment may be individually erased.
•
Segments A and B can be erased individually, or as a group with segments 0 to n. Segments A and B
are also called information memory.
•
New devices may have some bytes programmed in the information memory (needed for test during
manufacturing). The user should perform an erase of the information memory before the first use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com