Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 29 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 25Page - Texas Instruments MSP430F423IPM Datasheet HTML 26Page - Texas Instruments MSP430F423IPM Datasheet HTML 27Page - Texas Instruments MSP430F423IPM Datasheet HTML 28Page - Texas Instruments MSP430F423IPM Datasheet HTML 29Page - Texas Instruments MSP430F423IPM Datasheet HTML 30Page - Texas Instruments MSP430F423IPM Datasheet HTML 31Page - Texas Instruments MSP430F423IPM Datasheet HTML 32Page - Texas Instruments MSP430F423IPM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
29
MSP430F427, MSP430F425, MSP430F423
www.ti.com
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Detailed Description
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0h
−01FFh) or from
within unused address ranges (0600h–0BFFh).
(2)
Multiple source flags
(3)
(Non)maskable: the individual interrupt enable bit can disable an interrupt event, but the general interrupt enable cannot.
(4)
Interrupt flags are in the module.
6.4
Interrupt Vector Addresses
The interrupt vectors and the power-up starting address are in the address range 0FFFFh to 0FFE0h. The
vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence. Table 6-3 lists
the interrupt sources, flags, and vectors.
Table 6-3. Interrupt Sources, Flags, and Vectors
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD
ADDRESS
PRIORITY
Power up
External reset
Watchdog
Flash memory
PC out of range(1)
WDTIFG
KEYV(2)
Reset
0FFFEh
15, highest
NMI oscillator fault
Flash memory access violation
NMIIFG(2)
OFIFG(2)
ACCVIFG(2)
(Non)maskable(3)
(Non)maskable
(Non)maskable
0FFFCh
14
0FFFAh
13
SD16
SD16CCTLx SD16OVIFG,
SD16CCTLx SD16IFG(2)(4)
Maskable
0FFF8h
12
0FFF6h
11
Watchdog timer
WDTIFG
Maskable
0FFF4h
10
USART0 receive
URXIFG0
Maskable
0FFF2h
9
USART0 transmit
UTXIFG0
Maskable
0FFF0h
8
0FFEEh
7
Timer_A3
TACCR0 CCIFG(4)
Maskable
0FFECh
6
Timer_A3
TACCR1 and TACCR2
CCIFGs, and TACTL TAIFG (2)(4)
Maskable
0FFEAh
5
I/O port P1 (8 flags)
P1IFG.0 to P1IFG.7(2)(4)
Maskable
0FFE8h
4
0FFE6h
3
0FFE4h
2
I/O port P2 (8 flags)
P2IFG.0 to P2IFG.7(2)(4)
Maskable
0FFE2h
1
Basic Timer1
BTIFG
Maskable
0FFE0h
0, lowest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com