Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 6Page - Texas Instruments MSP430F423IPM Datasheet HTML 7Page - Texas Instruments MSP430F423IPM Datasheet HTML 8Page - Texas Instruments MSP430F423IPM Datasheet HTML 9Page - Texas Instruments MSP430F423IPM Datasheet HTML 10Page - Texas Instruments MSP430F423IPM Datasheet HTML 11Page - Texas Instruments MSP430F423IPM Datasheet HTML 12Page - Texas Instruments MSP430F423IPM Datasheet HTML 13Page - Texas Instruments MSP430F423IPM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
10
MSP430F427, MSP430F425, MSP430F423
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Specifications
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS.The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage is
applied to the TDI/TCLK pin when blowing the JTAG fuse.
5
Specifications
5.1
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Voltage applied at VCC to VSS
–0.3
4.1
V
Voltage applied to any pin(2)
–0.3
VCC + 0.3
V
Diode current at any device terminal
±2
mA
Storage temperature range, Tstg
Unprogrammed device
–55
150
°C
Programmed device
–40
85
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as
±1000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±250 V
may actually have higher performance.
5.2
ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
TI recommends powering AVCC and DVCC from the same source. A maximum difference of 0.3 V between AVCC and DVCC can be
tolerated during power up and operation.
(2)
The minimum operating supply voltage is defined according to the trip point where POR is going active by decreasing the supply
voltage. POR is going inactive when the supply voltage is raised above the minimum supply voltage plus the hysteresis of the SVS
circuitry.
(3)
In LF mode, the LFXT1 oscillator requires a watch crystal.
5.3
Recommended Operating Conditions
Typical values are specified at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage during program
execution(1) (AVCC = DVCC = VCC)
SD16 disabled
1.8
3.6
V
SVS enabled, PORON = 1(2), SD16 disabled
2.0
3.6
SD16 enabled or during programming of flash
memory
2.7
3.6
VSS
Supply voltage (AVSS = DVSS = VSS)
0
0
V
TA
Operating free-air temperature range
–40
85
°C
f(LFXT1)
LFXT1 crystal frequency(3)
LF selected, XTS_FLL = 0
Watch crystal
32.768
kHz
XT1 selected, XTS_FLL = 1
Ceramic resonator
450
8000
XT1 selected, XTS_FLL = 1
Crystal
1000
8000
f(System)
Processor frequency (signal
MCLK) (also see Figure 5-1)
VCC = 1.8 V
DC
4.15
MHz
VCC = 3.6 V
DC
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com