Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 12 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 8Page - Texas Instruments MSP430F423IPM Datasheet HTML 9Page - Texas Instruments MSP430F423IPM Datasheet HTML 10Page - Texas Instruments MSP430F423IPM Datasheet HTML 11Page - Texas Instruments MSP430F423IPM Datasheet HTML 12Page - Texas Instruments MSP430F423IPM Datasheet HTML 13Page - Texas Instruments MSP430F423IPM Datasheet HTML 14Page - Texas Instruments MSP430F423IPM Datasheet HTML 15Page - Texas Instruments MSP430F423IPM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
12
MSP430F427, MSP430F425, MSP430F423
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Specifications
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
5.5
Thermal Resistance Characteristics, PM Package (LQFP64)
PARAMETER
VALUE
UNIT
RθJA
Junction-to-ambient thermal resistance, still air(1)
55.7
°C/W
RθJC(TOP)
Junction-to-case (top) thermal resistance(2)
16.7
°C/W
RθJB
Junction-to-board thermal resistance(3)
27.1
°C/W
ΨJB
Junction-to-board thermal characterization parameter
26.8
°C/W
ΨJT
Junction-to-top thermal characterization parameter
0.8
°C/W
5.6
Schmitt-Trigger Inputs
− Ports (P1 and P2), RST/NMI, JTAG (TCK, TMS,
TDI/TCLK,TDO/TDI)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
VCC
MIN
MAX
UNIT
VIT+
Positive-going input threshold voltage
3 V
1.5
1.98
V
VIT-
Negative-going input threshold voltage
3 V
0.9
1.3
V
Vhys
Input voltage hysteresis (VIT+ - VIT- )
3 V
0.45
1
V
(1)
The external signal sets the interrupt flag every time the minimum t(int) parameters are met. It may be set even with trigger signals
shorter than t(int). Both the cycle and timing specifications must be met to ensure the flag is set. t(int) is measured in MCLK cycles.
5.7
Inputs P1.x, P2.x, TAx
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, external trigger signal
for the interrupt flag(1)
3 V
1.5
cycle
50
ns
t(cap)
Timer_A capture timing
TAx
3 V
50
ns
f(TAext)
Timer_A clock frequency externally
applied to pin
TAxCLK, INCLK t(H) = t(L)
3 V
10
MHz
f(TAint)
Timer_A clock frequency
SMCLK or ACLK signal selected
3 V
10
MHz
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pins, unless otherwise noted.
(2)
The port pin must be selected as input.
5.8
Leakage Current
− Ports (P1 and P2)
(1)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
Ilkg(P1.x)
Leakage current, Port P1.x
Port 1: V(P1.x)
(2)
3 V
±50
nA
Ilkg(P2.x)
Leakage current, Port P2.x
Port 2: V(P2.x)
(2)
3 V
±50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com