Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F423IPM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F423IPM
Description  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F423IPM Datasheet HTML 1Page - Texas Instruments MSP430F423IPM Datasheet HTML 2Page - Texas Instruments MSP430F423IPM Datasheet HTML 3Page - Texas Instruments MSP430F423IPM Datasheet HTML 4Page - Texas Instruments MSP430F423IPM Datasheet HTML 5Page - Texas Instruments MSP430F423IPM Datasheet HTML 6Page - Texas Instruments MSP430F423IPM Datasheet HTML 7Page - Texas Instruments MSP430F423IPM Datasheet HTML 8Page - Texas Instruments MSP430F423IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
5
MSP430F427, MSP430F425, MSP430F423
www.ti.com
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Device Comparison
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
For the most current package and ordering information, see the Package Option Addendum in Section 8, or see the TI website at
www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
3
Device Comparison
Table 3-1 summarizes the available family members.
Table 3-1. Device Comparison(1)(2)
DEVICE
FLASH
(KB)
RAM
(B)
FREQUENCY
(MHz)
BSL
SD16
(CHANNELS)
I/Os
PACKAGE
MSP430F427
32
1K
8
UART
3
14
PM 64
MSP430F425
16
512
8
UART
3
14
PM 64
MSP430F423
8
256
8
UART
3
14
PM 64
3.1
Related Products
For information about other devices in this family of products or related products, see the following links.
TI Microcontrollers Product Selection
TI's low-power and-high performance MCUs, with wired and
wireless connectivity options, are optimized for a broad range of applications.
Products for MSP430 Ultra-Low-Power Microcontrollers
One platform. One ecosystem. Endless
possibilities.
Enabling
the
connected
world
with
innovations
in
ultra-low-power
microcontrollers with advanced peripherals for precise sensing and measurement.
Products for MSP430F2x/4x Ultra-Low-Power Microcontrollers
MSP430F2x/4x
microcontrollers
(MCUs)
from
the
MSP
ultra-low-power
MCU
series
are
general-purpose
16-bit
microcontrollers used for a wide range of applications including consumer electronics, data
logging applications, portable medical instruments, and low-power metering. MSP430F4x
MCUs feature an integrated LCD controller, while select MSP430F2x devices feature
extended temperature ranges.
Companion Products for MSP430F427 Review products that are frequently purchased or used with this
product.
Reference Designs The TI Designs Reference Design Library is a robust reference design library that
spans analog, embedded processor, and connectivity. Created by TI experts to help you
jump start your system design, all TI Designs include schematic or block diagrams, BOMs,
and design files to speed your time to market.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com