Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32F0 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 10Page - STMicroelectronics STSPIN32F0 Datasheet HTML 11Page - STMicroelectronics STSPIN32F0 Datasheet HTML 12Page - STMicroelectronics STSPIN32F0 Datasheet HTML 13Page - STMicroelectronics STSPIN32F0 Datasheet HTML 14Page - STMicroelectronics STSPIN32F0 Datasheet HTML 15Page - STMicroelectronics STSPIN32F0 Datasheet HTML 16Page - STMicroelectronics STSPIN32F0 Datasheet HTML 17Page - STMicroelectronics STSPIN32F0 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Pin description
STSPIN32F0
14/40
DocID029806 Rev 2
8
VM
Power
Power supply voltage (bus voltage)
9
SW
Analog out
3.3 V DC/DC buck regulator switching node
10
VDDA
Power
MCU analog power supply voltage
11
PA0
Analog in
MCU PA0
12
PA1
Analog in
MCU PA1
13
PA2
Analog in
MCU PA2
14
PA3
Analog in
MCU PA3
15
PA4
Analog in
MCU PA4
16
PA5
Analog in
MCU PA5
17
PA6
Digital In
MCU PA6
18
3FG_PA7
Digital I/O
3FG open-drain output or MCU PA7
19
PB1
Analog in
MCU PB1
20
TESTMODE
Digital In
Test mode input
21
OP1O
Analog out
Op amp 1 output
22
OP1N
Analog in
Op amp 1 inverting input
23
OP1P
Analog in
Op amp 1 non-inverting input
24
OC_Comp
Analog in
Overcurrent comparator input
25
HSW
Analog out
W phase high-side driver output
26
OUTW
Power
W phase high-side (floating) common voltage
27
VBOOTW
Power
W phase bootstrap supply voltage
28
LSW
Analog out
W phase low-side driver output
29
HSV
Analog out
V phase high-side driver output
30
OUTV
Power
V phase high-side (floating) common voltage
31
VBOOTV
Power
V phase bootstrap supply voltage
32
LSV
Analog out
V phase low-side driver output
33
HSU
Analog out
U phase high-side driver output
34
OUTU
Power
U phase high-side (floating) common voltage
35
VBOOTU
Power
U phase bootstrap supply voltage
36
LSU
Analog out
U phase low-side driver output
37
PA13_SWD_IO
Digital I/O
MCU PA13/SWDIO (system debug data via analog IC)
38
PA14_SWD_CLK
Digital I/O
MCU PA14/SWDCLK (system debug clock)
39
PB6
Digital I/O
MCU PB6
40
PB7
Digital in
MCU PB7
41
OP2P
Analog in
Op amp 2 non-inverting input
42
OP2N
Analog in
Op amp 2 inverting input
Table 6. STSPIN32F0 SiP pin description (continued)(1)
No.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com