Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32F0 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 15Page - STMicroelectronics STSPIN32F0 Datasheet HTML 16Page - STMicroelectronics STSPIN32F0 Datasheet HTML 17Page - STMicroelectronics STSPIN32F0 Datasheet HTML 18Page - STMicroelectronics STSPIN32F0 Datasheet HTML 19Page - STMicroelectronics STSPIN32F0 Datasheet HTML 20Page - STMicroelectronics STSPIN32F0 Datasheet HTML 21Page - STMicroelectronics STSPIN32F0 Datasheet HTML 22Page - STMicroelectronics STSPIN32F0 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
DocID029806 Rev 2
19/40
STSPIN32F0
Device description
40
6
Device description
The STSPIN32F0 is a System-In-Package providing an integrated solution suitable for
driving the three-phase BLDC motor with Hall-effect sensors. The device will be developed
in the BCD8s (0.18 µm) technology.
6.1
UVLO and thermal protections
Table 9 summarizes the UVLO and OT protection management.
Figure 5. Gate drivers' outputs characteristics in UVLO conditions
Table 9. UVLO and OT protection management
Block
VM UVLO VDD UVLO VREG12 UVLO VBOOT UVLO Lin. Reg OT DC/DC Reg OT
DC/DC regulator
-
-
-
-
-
OFF
Linear regulator
OFF
OFF
-
-
OFF
-
Op amps and OC comp
OFF
OFF
-
-
-
-
HSU, HSV, HSW output
LOW
LOW
LOW(1)
LOW(1), (2)
--
LSU, LSV, LSW output
LOW
LOW
LOW(1)
--
-
1. The N-channel of the gate driver is turned ON with all the available supply voltage, refer to Figure 5.
2. Only the high-side gate driver in which the UVLO condition is detected (e.g. UVLO on VBOOTU causes the HSU turning
off).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com