Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32F0 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 22Page - STMicroelectronics STSPIN32F0 Datasheet HTML 23Page - STMicroelectronics STSPIN32F0 Datasheet HTML 24Page - STMicroelectronics STSPIN32F0 Datasheet HTML 25Page - STMicroelectronics STSPIN32F0 Datasheet HTML 26Page - STMicroelectronics STSPIN32F0 Datasheet HTML 27Page - STMicroelectronics STSPIN32F0 Datasheet HTML 28Page - STMicroelectronics STSPIN32F0 Datasheet HTML 29Page - STMicroelectronics STSPIN32F0 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Device description
STSPIN32F0
26/40
DocID029806 Rev 2
6.6.2
Power management
The VDD pin is the power supply for the I/Os and the internal regulator.
The VDDA pin is the power supply for the ADC, reset blocks, RCs and PLL. The VDDA
voltage can be generated through the internal DC/DC buck converter, otherwise it is
possible to provide externally the supply voltage directly on the VDDA pin.
Note:
The VDDA voltage level must be always greater or equal to the VDD voltage level and
must be established first.
The MCU has integrated power-on reset (POR) and power-down reset (PDR) circuits. They
are always active, and ensure proper operation above a threshold of 2 V. The device
remains in the reset mode when the monitored supply voltage is below a specified
threshold.
The POR monitors only the VDD supply voltage. During the startup phase it is required
that VDDA should arrive first and be greater than or equal to VDD.
The PDR monitors both the VDD and VDDA supply voltages, however the VDDA power
supply supervisor can be disabled (by programming a dedicated option bit) to reduce
the power consumption if the application design ensures that VDDA is higher than or
equal to VDD.
The device features an embedded programmable voltage detector (PVD) that monitors the
VDD power supply and compares it to the VPVD threshold. An interrupt can be generated
when VDD drops below the VPVD threshold and/or when VDD is higher than the VPVD
threshold. The interrupt service routine can then generate a warning message and/or put
the MCU into a safe state. The PVD is enabled by software.
The MCU supports three low-power modes to achieve the best compromise between low-
power consumption, short start-up time and available wake-up sources:
Sleep mode
In the sleep mode, only the CPU is stopped. All peripherals continue to operate and
can wake-up the CPU when an interrupt/event occurs.
Stop mode
The stop mode achieves very low-power consumption while retaining the content of the
SRAM and registers. All clocks in the 1.8 V domain are stopped, the PLL, the HSI RC
and the HSE crystal oscillators are disabled. The voltage regulator can also be put
either in the normal or in the low-power mode.
The device can be woken-up from the stop mode by any of the EXTI lines (one of the
16 external lines, the PVD output, RTC, I2C1 or USART1).
Standby mode
The standby mode is used to achieve the lowest power consumption. The internal
voltage regulator is switched off so that the entire 1.8 V domain is powered off. The
PLL, the HSI RC and the HSE crystal oscillators are also switched off. After entering
the standby mode, SRAM and register contents are lost except for registers in the RTC
domain and standby circuitry.
The device exits the standby mode when an external reset (NRST pin), an IWDG reset,
a rising edge on the WKUP pins, or an RTC event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com