Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32F0 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 32Page - STMicroelectronics STSPIN32F0 Datasheet HTML 33Page - STMicroelectronics STSPIN32F0 Datasheet HTML 34Page - STMicroelectronics STSPIN32F0 Datasheet HTML 35Page - STMicroelectronics STSPIN32F0 Datasheet HTML 36Page - STMicroelectronics STSPIN32F0 Datasheet HTML 37Page - STMicroelectronics STSPIN32F0 Datasheet HTML 38Page - STMicroelectronics STSPIN32F0 Datasheet HTML 39Page - STMicroelectronics STSPIN32F0 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
Package information
STSPIN32F0
38/40
DocID029806 Rev 2
Figure 21. VFQFPN48 7 x 7 x 1.0 - 48L, pitch 0.5 - suggested footprint
Table 15. VFQFPN48 7 x 7 x 1.0 - 48L, pitch 0.5 - package mechanical data(1)
1. PIN44 is fuse to DAP.
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.90
0.95
1.00
A1
0.0
-
0.05
A2
0.75
A3
0.203
b
0.20
0.25
0.30
D
6.90
7.00
7.10
E
6.90
7.00
7.10
e0.50
D2
2.50
2.60
2.70
E2
2.50
2.60
2.70
K1.80
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com