Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32F0 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 13Page - STMicroelectronics STSPIN32F0 Datasheet HTML 14Page - STMicroelectronics STSPIN32F0 Datasheet HTML 15Page - STMicroelectronics STSPIN32F0 Datasheet HTML 16Page - STMicroelectronics STSPIN32F0 Datasheet HTML 17Page - STMicroelectronics STSPIN32F0 Datasheet HTML 18Page - STMicroelectronics STSPIN32F0 Datasheet HTML 19Page - STMicroelectronics STSPIN32F0 Datasheet HTML 20Page - STMicroelectronics STSPIN32F0 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
DocID029806 Rev 2
17/40
STSPIN32F0
Pin description
40
Table 8. STSPIN32F0 analog IC pad description
Pinout name
Pad name
Type
Function
PA13_SWD_IO
SYS_SWDIO
Digital I/O
System debug data (connected to the output
through the analog IC)
VDDA
VDD_3V3
Power
3.3 V DC/DC buck regulator voltage output
VM
VM
Power
Power supply voltage (bus voltage)
SW
SW
Analog out
3.3 V DC/DC buck regulator switching node
VREG12
VREG12
Power
12 V linear regulator output
VBOOTU
VBOOTU
Power
U phase bootstrap supply voltage
HSU
HSU
Analog out
U phase high-side driver output
OUTU
OUTU
Power
U phase high-side (floating) common voltage
LSU
LSU
Analog out
U phase low-side driver output
VBOOTV
VBOOTV
Power
V phase bootstrap supply voltage
HSV
HSV
Analog out
V phase high-side driver output
OUTV
OUTV
Power
V phase high-side (floating) common voltage
LSV
LSV
Analog out
V phase low-side driver output
VBOOTW
VBOOTW
Power
W phase bootstrap supply voltage
HSW
HSW
Analog out
W phase high-side driver output
OUTW
OUTW
Power
W phase high-side (floating) common voltage
LSW
LSW
Analog out
W phase low-side driver output
OC_Comp
OC_COMP
Analog in
Overcurrent comparator input
OP1P
OP1P
Analog out
Op amp 1 output
OP1N
OP1N
Analog in
Op amp 1 inverting input
OP1O
OP1O
Analog in
Op amp 1 non-inverting input
OP2P
OP2P
Analog out
Op amp 2 output
OP2N
OP2N
Analog in
Op amp 2 inverting input
OP2O
OP2O
Analog in
Op amp 2 non-inverting input
OP3P
OP3P
Analog out
Op amp 3 output
OP3N
OP3N
Analog in
Op amp 3 inverting input
OP3O
OP3O
Analog in
Op amp 3 non-inverting input
OP4P
OP4P
Analog out
Op amp 4 output
OP4N
OP4N
Analog in
Op amp 4 inverting input
OP4O
OP4O
Analog in
Op amp 4 non-inverting input
3FG_PA7
3FGOUT
Digital out
3FG output (open-drain)
GND
GND
Power
Ground
TESTMODE
TESTMODE
Digital in
Test mode input
-
VDD
Power
MCU digital power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com