Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32F0 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 18Page - STMicroelectronics STSPIN32F0 Datasheet HTML 19Page - STMicroelectronics STSPIN32F0 Datasheet HTML 20Page - STMicroelectronics STSPIN32F0 Datasheet HTML 21Page - STMicroelectronics STSPIN32F0 Datasheet HTML 22Page - STMicroelectronics STSPIN32F0 Datasheet HTML 23Page - STMicroelectronics STSPIN32F0 Datasheet HTML 24Page - STMicroelectronics STSPIN32F0 Datasheet HTML 25Page - STMicroelectronics STSPIN32F0 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Device description
STSPIN32F0
22/40
DocID029806 Rev 2
External optional 3.3 V supply voltage
It is possible provide externally the 3.3 V supply voltage directly on the VDDA pin. In this
case, there are two possible configurations:
1.
The SW pin floating or shorted to VM: in this case the internal power switch of the
DC/DC converter continues to switch on/off according to the internal clock
2.
The SW pin shorted to GND or VDD: in this case the internal power switch detects
a short-circuit and it is latched off.
Note:
It is not allowed to apply VDD voltage externally in case of VM < VDD.
6.3
Linear regulator
The internal 12 V linear regulator is a LDO regulator providing the supply voltage for the
gate drivers section. An external capacitor connected to the VREG12 pin is required.
Figure 9. Linear regulator block diagram
When the VM voltage is below to 12 V, the VM pin and the linear regulator output can be
shorted together providing the gate driver supply externally.
The linear regulator embeds a thermal protection as described in Section 6.1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com