Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32F0 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 30Page - STMicroelectronics STSPIN32F0 Datasheet HTML 31Page - STMicroelectronics STSPIN32F0 Datasheet HTML 32Page - STMicroelectronics STSPIN32F0 Datasheet HTML 33Page - STMicroelectronics STSPIN32F0 Datasheet HTML 34Page - STMicroelectronics STSPIN32F0 Datasheet HTML 35Page - STMicroelectronics STSPIN32F0 Datasheet HTML 36Page - STMicroelectronics STSPIN32F0 Datasheet HTML 37Page - STMicroelectronics STSPIN32F0 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Application example
STSPIN32F0
34/40
DocID029806 Rev 2
7
Application example
Figure 19 shows an application example using the STSPIN32F0 device to drive a three-
phase motor with single shunt configuration and analog Hall-effect sensors feedback. The
others features implemented are:
VDD (3.3 V) power supply internally generated via DC/DC regulator
VREG12 (12 V) power supply internally generated via LDO linear regulator
I2C serial interface (PB6 and PB7)
Serial wire debug ports (PA13_SWD_IO, PA14_SWD_CLK)
Ready and alarm lines (PF0, PF1)
Reset dedicated pin
Overcurrent protection using internal comparator
Current sensing using internal operation amplifier (op amp 1) and ADC (PA3)
3FG generation using internal op amps, comparators and Hall decoding logic circuitry
(op amp2, 3, 4 and relative comparators)
Hall-effect sensors feedback management with op amps and ADC (op amp2, 3, 4 and
PA0, PA1, PA2)
Bus voltage compensation using internal ADC (PA4)
Application temperature monitoring using internal ADC (PB1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com