Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN32F0 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 12Page - STMicroelectronics STSPIN32F0 Datasheet HTML 13Page - STMicroelectronics STSPIN32F0 Datasheet HTML 14Page - STMicroelectronics STSPIN32F0 Datasheet HTML 15Page - STMicroelectronics STSPIN32F0 Datasheet HTML 16Page - STMicroelectronics STSPIN32F0 Datasheet HTML 17Page - STMicroelectronics STSPIN32F0 Datasheet HTML 18Page - STMicroelectronics STSPIN32F0 Datasheet HTML 19Page - STMicroelectronics STSPIN32F0 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Pin description
STSPIN32F0
16/40
DocID029806 Rev 2
Note:
Each unused GPIO inside the SiP should be configured in the OUTPUT mode low level after
the startup by software.
PB13
I/O - FT
LS1
TIM1_CH1N(1)
PB14
I/O - FT
LS2
TIM1_CH2N(1)
PB15
I/O - FT
LS3
TIM1_CH3N(1)
PA8
I/O - FT
HS1
TIM1_CH1(1)
PA9
I/O - FTf
HS2
TIM1_CH2(1)
PA10
I/O - FTf
HS3
TIM1_CH3
PA11
I/O - FT
OC_SEL
Push-pull output(1)
PA12
I/O - FT
3FG_HIZ
Push-pull output(1)
PA13_SWD_IO
I/O - FT
SWDIO_INT
IR_OUT, SWDIO
PF6
I/O - FTf
OC_TH_STBY2 Push-pull output(1)
PF7
I/O - FTf
OC_TH_STBY1 Push-pull output(1)
PA14_SWD_CLK
I/O - FT
-
USART1_TX, SWCLK
PB6
I/O - FTf
-
I2C1_SCL, USART1_TX, TIM16_CH1N
PB7
I/O - FTf
-
I2C1_SDA, USART1_RX, TIM17_CH1N
VBAT, VDD
S
VDD
Backup and digital power supply
VSS, VSSA
S
-
Ground
BOOT0
I
-
Boot memory selection (internally connected
to ground)
PC13, PC14, PC15,
PB0, PB2, PB10, PB11,
PA15, PB3, PB4, PB5,
PB8, PB9
-
-
Not connected
1.
The analog IC is designed to support these GPIOs configuration only. Different configuration could cause
device malfunctioning. The GPIO input configuration without pull-up or pull-down is always allowed.
Table 7. STSPIN32F0 MCU pad mapping (continued)
MCU pad
Type
Analog IC pad
Alternate and additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com