Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987L Datasheet(PDF) 11 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 7Page - STMicroelectronics L7987L Datasheet HTML 8Page - STMicroelectronics L7987L Datasheet HTML 9Page - STMicroelectronics L7987L Datasheet HTML 10Page - STMicroelectronics L7987L Datasheet HTML 11Page - STMicroelectronics L7987L Datasheet HTML 12Page - STMicroelectronics L7987L Datasheet HTML 13Page - STMicroelectronics L7987L Datasheet HTML 14Page - STMicroelectronics L7987L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
DocID026362 Rev 3
11/41
L7987L
Functional description
41
4
Functional description
The L7987L device is based on a voltage mode, constant frequency control loop. The output
voltage VOUT, sensed by the feedback pin (FB), is compared to an internal reference
(0.8 V) providing an error signal on the COMP pin. The COMP voltage level is then
compared to a fixed frequency sawtooth ramp, which finally controls the on- and off-time of
the power switch.
The main internal blocks are shown in the block diagram in Figure 2 on page 4 and can be
summarized as follow.
The fully integrated oscillator that provides the sawtooth ramp to modulate the duty
cycle and the synchronization signal. Its switching frequency can be adjusted by an
external resistor. The input voltage feed-forward is implemented.
The soft-start circuitry to limit inrush current during the start-up phase.
The voltage mode error amplifier.
The pulse width modulator and the relative logic circuitry necessary to drive the internal
power switch.
The high-side driver for embedded N-channel power MOSFET switch and bootstrap
circuitry. A dedicated high resistance low-side MOSFET, for anti-boot discharge
management purposes, is also present.
The peak current limit sensing block, with programmable threshold, to handle overload
and short-circuit conditions including current foldback and a thermal shutdown block, to
prevent thermal runaway.
The voltage regulator and internal reference, to supply the internal circuitry and provide
a fixed internal reference. The switchover function from VCC to VBIAS can be
implemented for higher efficiency. This block also implements a voltage monitor
circuitry (UVLO) that checks the input and internal voltages.
The output voltage monitor circuitry which releases the PGOOD signal if the sensed
output voltage is above 87% of the target value.
4.1
Oscillator and synchronization
Figure 4 shows the block diagram of the oscillator circuit. The internal oscillator provides
a constant frequency clock, whose frequency depends on the resistor externally connected
between the FSW pin and ground.
Figure 4. Oscillator and synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com