Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987L Datasheet(PDF) 12 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 8Page - STMicroelectronics L7987L Datasheet HTML 9Page - STMicroelectronics L7987L Datasheet HTML 10Page - STMicroelectronics L7987L Datasheet HTML 11Page - STMicroelectronics L7987L Datasheet HTML 12Page - STMicroelectronics L7987L Datasheet HTML 13Page - STMicroelectronics L7987L Datasheet HTML 14Page - STMicroelectronics L7987L Datasheet HTML 15Page - STMicroelectronics L7987L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Functional description
L7987L
12/41
DocID026362 Rev 3
If the FSW pin is left floating, the programmed frequency is 250 kHz (typ.); if the FSW pin is
connected to an external resistor the programmed switching frequency can be increased up
to 1.5 MHz, as shown in Figure 5. The required RFSW value (expressed in k) is estimated
by Equation 1:
Equation 1
Figure 5. Switching frequency programmability
To improve the line transient performance, keeping the PWM gain constant versus the input
voltage, the input voltage feed-forward is implemented by changing the slope of the
sawtooth ramp, according to the input voltage change (Figure 6 a).
The slope of the sawtooth also changes if the oscillator frequency is programmed by the
external resistor. In this way a frequency feed-forward is implemented (Figure 6 b) in order
to keep the PWM modulator gain constant versus the switching frequency.
On the SYNCH pin the synchronization signal is generated. This signal has a phase shift of
180° with respect to the clock. This delay is useful when two devices are synchronized
connecting the SYNCH pins together. When SYNCH pins are connected, the device with
a higher oscillator frequency works as master, so the slave device switches at the frequency
of the master but with a delay of half a period. This helps reducing the RMS current flowing
through the input capacitor. Up to five L7987Ls can be connected to the same SYNCH pin;
however, the clock phase shift from master switching frequency to slaves input clock is
180°.
The L7987L device can be synchronized to work at a higher frequency, in the range 250 kHz
- 1500 kHz, providing an external clock signal on the SYNCH pin. The synchronization
changes the sawtooth amplitude, also affecting the PWM gain (Figure 6 c). This change
must be taken into account when the loop stability is studied. In order to minimize the
change of PWM gain, the free running frequency should be set (with a resistor on the FSW
pin) only slightly lower than the external clock frequency.
FSW
250kHz
12500
RFSW
----------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com