Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987L Datasheet(PDF) 36 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 32Page - STMicroelectronics L7987L Datasheet HTML 33Page - STMicroelectronics L7987L Datasheet HTML 34Page - STMicroelectronics L7987L Datasheet HTML 35Page - STMicroelectronics L7987L Datasheet HTML 36Page - STMicroelectronics L7987L Datasheet HTML 37Page - STMicroelectronics L7987L Datasheet HTML 38Page - STMicroelectronics L7987L Datasheet HTML 39Page - STMicroelectronics L7987L Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Application ideas
L7987L
36/41
DocID026362 Rev 3
Equation 38
The singularity
RHPZ = 2 · fRHPZ, computed at the maximum load and minimum input
voltage, is the limitation in the loop bandwidth design. Typically the maximum bandwidth,
fBW, is designed to be lower than one fourth of the above described singularity, in order to
achieve a good phase margin.
In case
Z and LC are lower than the target bandwidth, a type II compensation network is
enough for loop stabilization, following the compensation strategy described in Section 5.4.1
on page 25.
In case ceramic or very low ESR electrolytic output capacitors are used,
Z is typically
higher than the target fBW so a type III compensation network is necessary, as described in
Section 5.4.2 on page 27.
7.2
Negative buck-boost
The L7987L device can implement the step-up/down conversion with a negative output
voltage.
Figure 25 shows the schematic to regulate -12 V at the 1 A maximum load, assuming VIN
falling in the range 12 V to 48 V. No further external components are added to the standard
buck topology.
Figure 25. L7987L - negative (or inverting) buck-boost schematic example


D
D
V
G
L
C
R
D
Q
V
V
V
D
O
O
O
IN
O
O
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com