Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987L Datasheet(PDF) 18 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 14Page - STMicroelectronics L7987L Datasheet HTML 15Page - STMicroelectronics L7987L Datasheet HTML 16Page - STMicroelectronics L7987L Datasheet HTML 17Page - STMicroelectronics L7987L Datasheet HTML 18Page - STMicroelectronics L7987L Datasheet HTML 19Page - STMicroelectronics L7987L Datasheet HTML 20Page - STMicroelectronics L7987L Datasheet HTML 21Page - STMicroelectronics L7987L Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Functional description
L7987L
18/41
DocID026362 Rev 3
Figure 8. OCP and frequency scaling
If the sensed output voltage, monitored through FB pin, falls below the VFOLD threshold
(400 mV typ.) the peak current limit threshold is reduced to 1/3 of the nominal value. This
additional feature helps to reduce the IC stress in case of output short-circuit.
As soon as the FB pin increases above the VFOLD threshold, the full peak current limit
threshold is restored. This foldback protection is disabled during the soft-start.
This kind of overcurrent protection is effective if the inductor can be completely discharged
during HS MOS turn-off time, in order to avoid the inductor current to run away. In case of
output short-circuit the maximum switching frequency can be computed by Equation 4.
Equation 4
Assuming VF = 0.6 V the freewheeling diode direct voltage, RDCR = 70 m the inductor
parasitic resistance, ILIM = IPK = 0.9 A the peak current limit during foldback protection,
RON = 0.30  the HS MOS resistance and TON,MIN = 120 ns the minimum HS MOS on
duration, the maximum FSW frequency which avoids the inductor current run away in case
of output short-circuit and VIN = 61 V is 728 kHz.
If the programmed switching frequency is higher than the above computed limit, an
estimation of the inductor current in case of output short-circuit fault is provided by
Equation 5:
Equation 5
FSW MAX
8
 V
F
RDCR I
LIM
+

VIN RON RDCR
+

 I
LIM
----------------------------------------------------------------------
1
TON MIN
----------------------
ILIM
FSW TON VIN 8VF
8RDCR FSW TON MIN
 R
ON
RDCR
+

+
----------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com