Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987L Datasheet(PDF) 19 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 15Page - STMicroelectronics L7987L Datasheet HTML 16Page - STMicroelectronics L7987L Datasheet HTML 17Page - STMicroelectronics L7987L Datasheet HTML 18Page - STMicroelectronics L7987L Datasheet HTML 19Page - STMicroelectronics L7987L Datasheet HTML 20Page - STMicroelectronics L7987L Datasheet HTML 21Page - STMicroelectronics L7987L Datasheet HTML 22Page - STMicroelectronics L7987L Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
DocID026362 Rev 3
19/41
L7987L
Functional description
41
The peak current limit threshold (ILIM) can be programmed in the range 0.85 A - 3.0 A by
selecting the proper RILIM resistor, as suggested in Equation 6:
Equation 6
In any case, the maximum high-side MOS RMS current must not be allowed to exceed the
value shown in Table 2 on page 7.
Figure 9. Current limit and programming resistor
The minimum programmed current limit can't be lower than ISKIP = 0.5 A (typical), also in
case of foldback detection.
4.6
Overtemperature protection
It is recommended that the device never exceeds the maximum allowable junction
temperature. This temperature increase is mainly caused by the total power dissipated from
the integrated power MOSFET.
To avoid any damage to the device when reaching high temperature, the L7987L device
implements a thermal shutdown feature: when the junction temperature reaches 170 °C
(typ.) the device turns off the power MOSFET and shuts down.
When the junction temperature drops to 155 °C (typ.), the device restarts with a new soft-
start sequence.
RILIM
20k
IPK
ILIM
----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com