Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987L Datasheet(PDF) 34 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 30Page - STMicroelectronics L7987L Datasheet HTML 31Page - STMicroelectronics L7987L Datasheet HTML 32Page - STMicroelectronics L7987L Datasheet HTML 33Page - STMicroelectronics L7987L Datasheet HTML 34Page - STMicroelectronics L7987L Datasheet HTML 35Page - STMicroelectronics L7987L Datasheet HTML 36Page - STMicroelectronics L7987L Datasheet HTML 37Page - STMicroelectronics L7987L Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Application ideas
L7987L
34/41
DocID026362 Rev 3
7
Application ideas
7.1
Positive buck-boost
The L7987L device can implement the step-up/down conversion with a positive output
voltage.
Figure 23 shows the complete schematic: one power MOSFET and one Schottky diode are
added to the standard buck topology to provide 24 V output voltage, with input voltage from
12 V to 60 V. In this design example, the programmed switching frequency is 570 kHz and
the maximum expected load is 0.5 A.
Figure 23. L7987L - positive buck-boost schematic example
In this topology the relationship between input and output voltage is:
Equation 33
So the duty cycle is given by:
Equation 34
The output voltage isn't limited by the maximum operating voltage of the device, because
the output voltage is sensed only through the resistor divider. The external power MOSFET
maximum drain to source voltage must be higher than the output voltage and also the
additional diode, D2, must be rated for the same maximum voltage.
In Figure 23 a clamping network has been added to limit the Q1 gate to source voltage
(C10, R15 and D5) and to speed up Q1 turn-off time (D4).
D
1
D
·
V
=
V
I N
O U T
-
I N
O U T
O U T V+
V
V
=
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com