Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987L Datasheet(PDF) 15 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 11Page - STMicroelectronics L7987L Datasheet HTML 12Page - STMicroelectronics L7987L Datasheet HTML 13Page - STMicroelectronics L7987L Datasheet HTML 14Page - STMicroelectronics L7987L Datasheet HTML 15Page - STMicroelectronics L7987L Datasheet HTML 16Page - STMicroelectronics L7987L Datasheet HTML 17Page - STMicroelectronics L7987L Datasheet HTML 18Page - STMicroelectronics L7987L Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
DocID026362 Rev 3
15/41
L7987L
Functional description
41
4.2
Soft-start
The soft-start is essential to assure a correct and safe startup of the step-down converter. It
avoids inrush current surge and makes the output voltage increase monotonically.
The soft-start is performed by charging an external capacitor, connected between the SS pin
and ground, with a constant current (5 µA typ.). The SS voltage is used as reference of the
switching regulator and the output voltage of the converter tracks the ramp of the SS
voltage. When the SS pin voltage reaches 0.8 V level, the error amplifier switches to the
internal 0.8 V ± 1% reference to regulate the output voltage.
Figure 7. Soft-start
During the soft-start period the current limit is set to the nominal value.
The dVSS/dt slope is programmed in agreement with Equation 2:
Equation 2
Before starting the CSS capacitor charge, the soft-start circuitry turns-on the discharge
switch shown in Figure 7 for TSSDISCH minimum time, in order to completely discharge the
CSS capacitor.
As a consequence, the maximum value for the soft-start capacitor, which assures an almost
complete discharge in case of EN signal toggle, is provided by:
Equation 3
given TSSDISCH = 530 s and RSSDISCH = 380  typical values.
CSS
ISS TSS
VREF
------------------------
5
AT
SS
0.8V
---------------------------
==
CSS MAX
–
TSSDISCH
5RSSDISCH
------------------------------------ 270nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com