Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987L Datasheet(PDF) 40 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 33Page - STMicroelectronics L7987L Datasheet HTML 34Page - STMicroelectronics L7987L Datasheet HTML 35Page - STMicroelectronics L7987L Datasheet HTML 36Page - STMicroelectronics L7987L Datasheet HTML 37Page - STMicroelectronics L7987L Datasheet HTML 38Page - STMicroelectronics L7987L Datasheet HTML 39Page - STMicroelectronics L7987L Datasheet HTML 40Page - STMicroelectronics L7987L Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Ordering information
L7987L
40/41
DocID026362 Rev 3
9
Ordering information
10
Revision history
Table 9. Order codes
Order code
Package
Packaging
L7987L
HTSSOP16
Tube
L7987LTR
HTSSOP16
Tape and reel
Table 10. Document revision history
Date
Revision
Changes
15-May-2014
1
Initial release.
03-Jun-2014
2
Updated main title: 61 V, 2 A asynchronous step-down
switching regulator with adjustable current limitation on
page 1 (replaced “3 A” by “2 A”).
12-Jan-2016
3
Updated Section : Features on page 1 (replaced “Low
dropout operation...” by “Advanced bootstrap capacitor
management for LDO operation”) and Section :
Description on page 1 (added “almost”, removed “The
wide input voltage ... systems”).
Updated Section 3: Electrical characteristics on page 8
(replaced by new section).
Updated Section 4.2: Soft-start on page 15 (replaced
“0.32 V” by “device OFF level” and “1.16 V” by “device
ON level”).
Updated Section 4.4: Low VIN operation on page 17
(updated text, removed “and the effective maximum duty
cycle ... 92
%”).
Updated Section 4.5: Overcurrent protection on page 17
(replaced “3.6 A“ by “3.0 A“, removed “IPK = 3.6 A ... not
mounted” sentence).
Updated Figure 12 on page 26 (replaced by new figure).
Updated Table 7 on page 31 (updated L1 component).
Added Figure 17 to Figure 22 to Section 6:
Demonstration board on page 31.
Added Section 7: Application ideas on page 34.
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com