Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7987L Datasheet(PDF) 20 Page - STMicroelectronics

Part # L7987L
Description  Adjustable current limitation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987L Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L7987L Datasheet HTML 16Page - STMicroelectronics L7987L Datasheet HTML 17Page - STMicroelectronics L7987L Datasheet HTML 18Page - STMicroelectronics L7987L Datasheet HTML 19Page - STMicroelectronics L7987L Datasheet HTML 20Page - STMicroelectronics L7987L Datasheet HTML 21Page - STMicroelectronics L7987L Datasheet HTML 22Page - STMicroelectronics L7987L Datasheet HTML 23Page - STMicroelectronics L7987L Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Application information
L7987L
20/41
DocID026362 Rev 3
5
Application information
5.1
Input capacitor selection
The input capacitor must be rated for the maximum input operating voltage and the
maximum RMS input current.
Since the step-down converters input current is a sequence of pulses from 0 A to IOUT, the
input capacitor must absorb the equivalent RMS current which can be up to the load current
divided by two (worst case, with duty cycle of 50%). For this reason, the quality of these
capacitors must be very high to minimize the power dissipation generated by the internal
ESR, thereby improving system reliability and efficiency.
The RMS input current (flowing through the input capacitor) is roughly estimated by:
Equation 7
Actual DC/DC conversion duty cycle, D = VOUT/VIN, is influenced by a few parameters:
Equation 8
where VF is the freewheeling diode forward voltage and VSW the voltage drop across the
internal high-side MOSFET. Considering the range DMIN to DMAX it is possible to determine
the maximum ICIN,RMS flowing through the input capacitor.
The input capacitor value must be dimensioned to safely handle the input RMS current and
to limit the VIN and VCC ramp-up slew-rate to 0.5 V/
s maximum, in order to avoid the
device active ESD protections turn-on.
Different capacitors can be considered:
Electrolytic capacitors
These are the most commonly used due to their low cost and wide range of operative
voltage. The only drawback is that, considering ripple current rating requirements, they
are physically larger than other capacitors.
Ceramic capacitors
If available for the required value and voltage rating, these capacitors usually have
a higher RMS current rating for a given physical dimension (due to the very low ESR).
The drawback is their high cost.
Tantalum capacitors
Small, good quality tantalum capacitors with very low ESR are becoming more
available. However, they can occasionally burn if subjected to very high current, for
example when they are connected to the power supply.
ICIN RMS
IOUT
D1 D

DMAX
VOUT VF
+
VIN MIN
VSW MAX
----------------------------------------------------
=
DMIN
VOUT VF
+
VIN MAX
VSW MIN
----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com