Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1537 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 8Page - STMicroelectronics UM1537 Datasheet HTML 9Page - STMicroelectronics UM1537 Datasheet HTML 10Page - STMicroelectronics UM1537 Datasheet HTML 11Page - STMicroelectronics UM1537 Datasheet HTML 12Page - STMicroelectronics UM1537 Datasheet HTML 13Page - STMicroelectronics UM1537 Datasheet HTML 14Page - STMicroelectronics UM1537 Datasheet HTML 15Page - STMicroelectronics UM1537 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Hardware layout and configuration
UM1537
12/52
Doc ID 023059 Rev 1
A total of three power modes are supported on the board and can be configured by setting
the related jumpers JP7, JP9, JP10 and JP11 as described in Table 4 and its related notes.
●
Mode1: the VDD and VDDA are connected together and powered by a fixed 3.3 V.
●
Mode2: the VDD and VDDA are connected together and powered by an adjustable
voltage ranging from 2.0 V to 3.6 V.
●
Mode3: the VDD is powered by an adjustable voltage ranging from 2.0 V to 3.6 V while
VDDA is powered by a fixed 3.3 V.
Note:
MCU IDD measurement can be done with a current meter mounted on JP7 when it is open.
Note:
Jumper JP11 must be open (to disconnect VDDA from all analog power VDD_ANA which is
connected to the analog circuits on the board) for MCU Idd measurement.
The LED LD6 is lit when the STM320518-EVAL evaluation board is correctly powered by
5V.
JP12
The Vbat pin of STM32F051R8T6 is connected to VDD when JP12 is set
as shown (default setting):
The Vbat pin of STM32F051R8T6 is connected to a 3 V battery when
JP12 is set as shown:
Table 4.
Power mode related jumpers
Power mode
Power mode configuration
MCU IDD measurement
JP9
JP10
Mode1
OK
Not allowed
Mode2
OK
Mode3
Not allowed
Table 3.
Power source related jumpers (continued)
Jumper
Description
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com