| Electronic Components Datasheet Search |
|
UM1537 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1537 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 52 page ![]() Hardware layout and configuration UM1537 14/52 Doc ID 023059 Rev 1 2.5 Boot option The STM320518-EVAL evaluation board can boot from: ● Embedded User Flash ● System memory with boot loader for ISP ● Embedded SRAM for debugging The boot option is configured by setting switch SW1 (BOOT0) and one Option bit in the Small Information block (SIF). The BOOT0 can also be configured via the RS-232 connector CN7. 2.6 Audio The STM320518-EVAL evaluation board supports a speaker that is connected to the DAC output of the STM32F051R8T6 through an audio amplifier and microphone, which is in turn connected to the ADC input of the STM32F051R8T6 through a microphone amplifier. The speaker can be enabled or disabled by setting JP13 (Table 9). Table 7. Boot related switch Switch configuration Bit12 in USER OPTION BYTES Boot source 0 <-> 1 X STM320518-EVAL boot from User Flash when SW1 and Bit12 in User OPTION bytes set as shown to the left (default setting). 0 <-> 1 0 STM320518-EVAL boot from Embedded SRAM when SW1 and Bit12 in User OPTION bytes set as shown to the left. 0<-> 1 1 STM320518-EVAL boot from System Memory when SW1 and Bit12 in User OPTION bytes set as shown to the left. Table 8. Boot0 related jumpers Jumper Description JP5 The Bootloader_BOOT0 is managed by pin 6 of connector CN7 (RS-232 DSR signal) when JP5 is closed. This configuration is used for the boot loader application only. Default Setting: Not fitted Table 9. Audio related jumpers Jumper Description JP13 Speaker amplifier U17 is enabled when JP13 is open (default setting). Speaker amplifier U17 is disabled when JP13 is closed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |