Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1537 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 20Page - STMicroelectronics UM1537 Datasheet HTML 21Page - STMicroelectronics UM1537 Datasheet HTML 22Page - STMicroelectronics UM1537 Datasheet HTML 23Page - STMicroelectronics UM1537 Datasheet HTML 24Page - STMicroelectronics UM1537 Datasheet HTML 25Page - STMicroelectronics UM1537 Datasheet HTML 26Page - STMicroelectronics UM1537 Datasheet HTML 27Page - STMicroelectronics UM1537 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Connector
UM1537
24/52
Doc ID 023059 Rev 1
3.4
HDMI source connector CN4
Figure 9.
HDMI source connector CN4
3.5
Daughterboard extension connector CN5 and CN6
Two 34-pin male headers CN5 and CN6 can be used to connect with the daughterboard or
standard wrapping board to the STM320518-EVAL evaluation board. All GPIOs are
available on it. The space between these two connectors and the position of the power,
GND and RESET pins is defined as a standard that allows to develop common
daughterboards for several evaluation boards.
The standard width between CN5 pin1 and CN6 pin1 is 2700 mils (68.58 mm). This
standard has been implemented on the majority of evaluation boards.
Each pin on CN5 and CN6 can be used by a daughterboard after disconnecting it from the
corresponding function block on the STM320518-EVAL evaluation board. Details are
provided in Table 18 and Table 19.
Table 16.
HDMI sink connector CN3
Pin number
Description
Pin number
Description
1,3,4,6,7,9,10,12
TMDS differential signal pair
connected to CN4
16
SDA (PF7)
13
CEC (PB10)
2,5,8,11,17
GND
14
NC
18
HDMI_5V_Sink
15
SCL (PF6)
19
HPD (PA11 through transistor)
Table 17.
HDMI source connector CN4
Pin number
Description
Pin number
Description
1,3,4,6,7,9,10,12
TMDS differential signal pair
connected to CN3
16
SDA (PB7)
13
CEC (PB10)
2,5,8,11,17
GND
14
NC
18
HDMI_5V_Source from power
switch U5
15
SCL (PB6)
19
HPD (PA8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com