Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1537 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 15Page - STMicroelectronics UM1537 Datasheet HTML 16Page - STMicroelectronics UM1537 Datasheet HTML 17Page - STMicroelectronics UM1537 Datasheet HTML 18Page - STMicroelectronics UM1537 Datasheet HTML 19Page - STMicroelectronics UM1537 Datasheet HTML 20Page - STMicroelectronics UM1537 Datasheet HTML 21Page - STMicroelectronics UM1537 Datasheet HTML 22Page - STMicroelectronics UM1537 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
UM1537
Hardware layout and configuration
Doc ID 023059 Rev 1
19/52
2.16
IR LED and IR receiver
The IR receiver TSOP34836 is connected to PB3 of the STM32F051R8T6 and a current
around 100 mA on the IR LED is driven by PB9 through transistors T1 and T2 on the board.
Note:
The IR LED may be driven by PB9 directly with a 20 mA current when SB3 is closed and
R11 is removed.
2.17
Motor control
The STM320518-EVAL evaluation board supports both asynchronous and synchronous
three-phase brushless motor control via a 34-pin connector CN1. This connector provides
all required control and feedback signals to and from the motor power-driving board.
Available signals on this connector include emergency stop, motor speed, 3-phase motor
current, bus voltage, heatsink temperature coming from the motor driving board and six
channels of the PWM control signal going to the motor driving circuit.
Some PCB reworks are required for the motor control application to disconnect peripherals
that share IOs with the motor control connector. These IOs need to be connected to the
motor control connector.
●
Remove resistors R89, R52, R19, R55, R32, R38, R42, R88, R83, R20, R36, R18 and
R50.
●
Mount R25, R29, R30, R39, R4, R35, R37, R44, R22 and R41 with a 0 ohm resistor.
All resistors to be removed are marked in red while resistors to be soldered are marked in
green in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com