Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1537 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 9Page - STMicroelectronics UM1537 Datasheet HTML 10Page - STMicroelectronics UM1537 Datasheet HTML 11Page - STMicroelectronics UM1537 Datasheet HTML 12Page - STMicroelectronics UM1537 Datasheet HTML 13Page - STMicroelectronics UM1537 Datasheet HTML 14Page - STMicroelectronics UM1537 Datasheet HTML 15Page - STMicroelectronics UM1537 Datasheet HTML 16Page - STMicroelectronics UM1537 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
UM1537
Hardware layout and configuration
Doc ID 023059 Rev 1
13/52
2.3
Clock source
Two clock sources are available on the STM320518-EVAL evaluation board for
STM32F051R8T6 and RTC embedded.
●
X1, 8 MHz crystal with a socket for the STM32F051R8T6 microcontroller. It can be
removed from the socket when the internal RC clock is used.
●
X2, 32 kHz crystal for embedded RTC.
2.4
Reset source
The reset signal of the STM320518-EVAL evaluation board is low active and the reset
sources include the following.
●
Reset button B1
●
Debugging tools from SWD connector CN10 and CN9
●
Daughterboard from CN6
●
Embedded ST-LINK/V2
●
RS232 connector CN7 for ISP.
Note:
The jumper JP6 is to be closed for RESET handled by pin8 of the RS-232 connector CN7
(CTS signal). Refer to Section 2.7 information.
Table 5.
8 MHz crystal X1 related solder bridges
Jumper
Description
SB13
PF0 is connected to an 8 MHz crystal when SB13 is open (default setting).
PF0 is connected to an extension connector CN6 when SB13 is closed. In such a
case, C34 and X1 must be removed.
SB14
PF1 is connected to an 8 MHz crystal when SB14 is open (default setting).
PF1 is connected to an extension connector CN6 when SB14 is closed. In such a
case, R59 must be removed to avoid disturbance due to the 8 MHz quartz.
Table 6.
32 kHz crystal X2 related solder bridges
Jumper
Description
SB9
PC14 is connected to a 32 kHz crystal when SB9 is open (default setting).
PC14 is connected to an extension connector CN5 when SB9 is closed. In such a
case, R57 must be removed to avoid disturbance due to the 32 kHz quartz.
SB10
PC15 is connected to a 32 kHz crystal when SB10 is open (default setting).
PC15 is connected to an extension connector CN5 when SB10 is closed. In such a
case, R58 must be removed to avoid disturbance due to the 32 kHz quartz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com