Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1537 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 23Page - STMicroelectronics UM1537 Datasheet HTML 24Page - STMicroelectronics UM1537 Datasheet HTML 25Page - STMicroelectronics UM1537 Datasheet HTML 26Page - STMicroelectronics UM1537 Datasheet HTML 27Page - STMicroelectronics UM1537 Datasheet HTML 28Page - STMicroelectronics UM1537 Datasheet HTML 29Page - STMicroelectronics UM1537 Datasheet HTML 30Page - STMicroelectronics UM1537 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
UM1537
Connector
Doc ID 023059 Rev 1
27/52
3.6
RS-232 and RS-485 connector CN7
Figure 10.
RS-232 and RS-485 connector
8
PB1
MC_TIM3_CH4 (PFC PWM)
Disconnect MC power board from CN1
10
GND
-
-
12
PB0
TS_Shield_CAP/ MC_ TIM3_CH3
(PFC_sync2)
Mount a 0 ohm resistor on R49
14
PC4
MC_AIN14 (current C)
Disconnect MC power board from CN1
16
PA6
MC_IO (NTC_bypass)
Disconnect MC power board from CN1
18
PA4
Audio_OUT
Remove R103
20
VDD
-
-
22
PF4
LCD_CS
Remove R94
24
PA2
MC_ADC_IN2 (Current A)
Disconnect MC power board from CN1
26
PA0
JOY_SEL
Remove R97
28
PC2
MC_ADC_IN12 (heatsink temperature)
Disconnect MC power board from CN1
30
GND
-
-
32
VDDA
-
-
34
PF1
OSC_OUT
Remove R59
Close SB14
Table 19.
Daughterboard extension connector CN6 (continued)
Pin
Description
Alternative function
How to disconnect from the function
block on STM320518-EVAL board
Table 20.
RS-232 and RS-485 connector CN7
Pin number
Description
Pin number
Description
1
6
Bootloader_BOOT0
2
RS232_RX (PA10)
7
RS232_RTS(PA12)
3
RS232_TX (PA9)
8
RS232_CTS(PA11) /
Bootloader_RESET
4
RS485_A
9
RS485_B
5GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com