Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1537 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 13Page - STMicroelectronics UM1537 Datasheet HTML 14Page - STMicroelectronics UM1537 Datasheet HTML 15Page - STMicroelectronics UM1537 Datasheet HTML 16Page - STMicroelectronics UM1537 Datasheet HTML 17Page - STMicroelectronics UM1537 Datasheet HTML 18Page - STMicroelectronics UM1537 Datasheet HTML 19Page - STMicroelectronics UM1537 Datasheet HTML 20Page - STMicroelectronics UM1537 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
UM1537
Hardware layout and configuration
Doc ID 023059 Rev 1
17/52
Figure 4.
STM320518-EVAL evaluation board
It is possible to compare the LDR output with 1/4 band gap, 1/2 band gap, 3/4 band gap,
band gap and DAC1 OUT, and to connect the LDR output to ADC IN1 for AD conversion.
2.12
Temperature sensor
A temperature sensor STLM75M2E is connected to the I2C1 bus of the STM32F051R8T6. It
shares the same I2C1 bus as the RF E2PROM and DDC on the HDMI_Source connector
CN4.
2.13
Display and input devices
The 2.4 inch color TFT LCD connected to the SPI1 port of the STM32F051R8T6 and four
general-purpose color LEDs (LD 1, 2, 3 and 4) are available as display devices. The
4-direction joystick (U21) with selection key connected to PA0 and support wakeup feature
and tamper button (B2) are available as input devices.
Table 12.
LCD modules
2.4-inch TFT LCD connector CN16
Pin
Description
Pin connection
Pin
Description
Pin connection
1CS
PF4
9
VDD
3.3 V
2SCL
PA5
10
VCI
3.3 V
3
SDI
PA7
11
GND
GND
4RS
-
12
GND
GND
5
WR
-
13
BL_VDD
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com