Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1537 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 44Page - STMicroelectronics UM1537 Datasheet HTML 45Page - STMicroelectronics UM1537 Datasheet HTML 46Page - STMicroelectronics UM1537 Datasheet HTML 47Page - STMicroelectronics UM1537 Datasheet HTML 48Page - STMicroelectronics UM1537 Datasheet HTML 49Page - STMicroelectronics UM1537 Datasheet HTML 50Page - STMicroelectronics UM1537 Datasheet HTML 51Page - STMicroelectronics UM1537 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
STM320518-EVAL I/O assignments
UM1537
48/52
Doc ID 023059 Rev 1
27
PB1
MC_TIM3_CH4 (PFC PWM)
28
PB2 or NPOR (1.8V
mode)
1.8 V POR
29
PB10
HDMI_CEC
MC_TIM2_CH3 (encoder index)
30
PB11
TS_CAP
MC_IO (dissipative brake)
31
VSS_2
VSS
32
VDD_2
VDD
33
PB12
TS_CH1
MC_TIM1_BKIN
(emergency STOP)
34
PB13
TS_CH2
MC_TIM1_CH1N(UL)
35
PB14
TS_CH3
MC_TIM1_CH2N (VL)
36
PB15
SD_Detection
MC_TIM1_CH3N (WL)
37
PC6
JOY_UP
38
PC7
JOY_DOWN
39
PC8
JOY_RIGHT
40
PC9
JOY_LEFT
41
PA8
HDMI_HPD_Source
MC_TIM1_CH1 (UH)
42
PA9
RS232/RS485/irDA_TX
MC TIM1_CH2 (VH)
43
PA10
RS232/RS485/irDA_RX
MC_TIM1_CH3 (WH)
44
PA11
HDMI_HPD_Sink / RS232_CTS
45
PA12
RS485_DIR / RS232_RTS
MC_IO (PFC_sync1)
46
PA13
SWDAT
47
PF6
I2C2_SCL_HDMI_Sink
48
PF7
I2C2_SDA_HDMI_Sink
49
PA14
SWCLK
50
PA15
MC_TIM2_CH1 (encoder A)
51
PC10
LED1
52
PC11
LED2
53
PC12
LED3
54
PD2
LED4
55
PB3
IR_IN
MC_TIM2_CH2 (encoder B)
56
PB4
LCD/SD_MISO
57
PB5
TempSensor_INT
Table 26.
STM32F051R8T6 MCU pin assignments (continued)
Pin name
STM320518-EVAL general I/O assignment
STM320518-EVAL motor
control I/O assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com