Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 54Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 55Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 56Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 57Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 58Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 59Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 60Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 61Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Power saving modes
ST7LITEUS2, ST7LITEUS5
58/136
In AWU mode, the period that the MCU stays in Halt Mode (tAWU in Figure 26) is defined by
This prescaler register can be programmed to modify the time that the MCU stays in Halt
mode before waking up automatically.
Note:
If 00h is written to AWUPR, depending on the product, an interrupt is generated immediately
after a HALT instruction, or the AWUPR remains unchanged.
Table 15.
Configuring the dividing factor
AWUPR[7:0]
Dividing factor
00h
Forbidden
01h
1
...
...
FEh
254
FFh
255
t
AWU
64
AWUPR
×
1
f
AWURC
--------------------------t
RCSTRT
+
×
=
Table 16.
AWU register map and reset values
Address
(Hex.)
Register
label
765432
10
0049h
AWUPR
Reset
value
AWUP
R7
1
AWUP
R6
1
AWUP
R5
1
AWUP
R4
1
AWUP
R3
1
AWUP
R2
1
AWUP
R1
1
AWUP
R0
1
004Ah
AWUCSR
Reset
value
00000
AWUF
AWUM
AWUE
N
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com