Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 91Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 92Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 93Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 94Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 95Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 96Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 97Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 98Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Electrical characteristics
95/136
Figure 39.
fCPU maximum operating frequency versus VDD supply voltage
12.3.2
Operating conditions with low voltage detector (LVD)
TA = -40 to 125 °C, unless otherwise specified
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
2.0
2.4
3.3
3.5
4.0
4.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
STATED IN THE
TABLES OF
PARAMETRIC DATA)
2.7
Table 47.
Operating characteristics with LVD
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High threshold
Med. threshold
Low threshold
3.9
3.2
2.5
4.2
3.5
2.7
4.5
3.8
3.0
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High threshold
Med. threshold
Low threshold
3.7
3.0
2.4
4.0
3.3
2.6
4.3
3.6
2.9
Vhys
LVD voltage threshold
hysteresis
VIT+(LVD)-VIT-(LVD)
150
mV
VtPOR
VDD rise time rate
(1)(2)
1.
Not tested in production. The VDD rise time rate condition is needed to ensure a correct device power-on and LVD reset
release. When the VDD slope is outside these values, the LVD may not release properly the reset of the MCU
2.
Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur in the application, it is
recommended to pull VDD down to 0V to ensure optimum restart conditions. Refer to circuit example in Figure 61 on
page 114.
20
μs/V
IDD(LVD)
(3)
3.
Not tested in production.
LVD/AVD current consumption
VDD = 5 V
220
μA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com