Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 11Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 12Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 13Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 14Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 15Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 16Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 17Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 18Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Register and memory map
15/136
3
Register and memory map
As shown in Figure 5, the MCU is capable of addressing 64K bytes of memories and I/O
registers.
The available memory locations consist of 128 bytes of register locations, 128 bytes of RAM
and 1 Kbyte of user program memory. The RAM space includes up to 64 bytes for the stack
from 00C0h to 00FFh.
The highest address bytes contain the user reset and interrupt vectors.
The Flash memory contains two sectors (see Figure 5) mapped in the upper part of the ST7
addressing space so the reset and interrupt vectors are located in Sector 0 (FE00h-FFFFh).
The size of Flash Sector 0 and other device options are configurable by option byte.
Warning:
Memory locations marked as “Reserved” must never be
accessed. Accessing a reserved area can have unpredictable
effects on the device.
Figure 5.
Memory map
1.
See Table 3.
2.
See Section 6.2 on page 28 for the description of RCCRHx registers.
3.
See Table 9.
0000h
RAM
Flash Memory
(1 Kbytes)
Interrupt & Reset vectors(3)
HW registers(1)
0080h
007Fh
FFE0h
FFFFh
0100h
00FFh
Short addressing
RAM (zero page)
64-byte stack
00FFh
0080h
00C0h
(128 Bytes)
b
FC00h
FBFFh
Reserved
FFDFh
0.5 Kbytes
0.5 Kbytes
SECTOR 1
SECTOR 0
1Kbytes FLASH
FFFFh
FE00h
FDFFh
FC00h
PROGRAM MEMORY
DEE0h
RCCRH0
RCCRL0
DEE1h
RCCRH1
RCCRL1
DEE2h
DEE3h
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com