Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 79Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 80Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 81Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 82Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 83Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 84Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 85Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 86Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
On-chip peripherals
83/136
ADC data register high (ADCDRH)
Reset value: 0000 0000 (00h)
ADC control/data register Low (ADCDRL)
Reset value: 0000 0000 (00h)
7
0
D9
D8
D7
D6
D5
D4
D3
D2
Read only
Bits 7:0 D[9:2] MSB of Analog Converted value
7
0
0000
SLOW
0
D1
D0
Read/write
Bits 7:4 Reserved. Forced by hardware to 0.
Bit 3 SLOW Slow mode
This bit is set and cleared by software. It is used together with the SPEED bit to
configure the ADC clock speed as shown on the table below (see Table 33:
Configuring the ADC clock speed).
Bit 2 Reserved. Forced by hardware to 0.
Bits 1:0 D[1:0] LSB of Analog Converted value
Table 33.
Configuring the ADC clock speed
fADC
SLOW
SPEED
fCPU/2
0
0
fCPU
01
fCPU/4
1
x
Table 34.
ADC register map and reset values
Address
(Hex.)
Register
label
76
543
21
0
0034h
ADCCSR
Reset value
EOC
0
SPEED
0
ADON
0
0
0
0
0
CH2
0
CH1
0
CH0
0
0035h
ADCDRH
Reset value
D9
0
D8
0
D7
0
D6
0
D5
0
D4
0
D3
0
D2
0
0036h
ADCDRL
Reset value
0
0
0
0
0
0
0
0
SLOW
0
0
0
D1
0
D0
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com