Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 10Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 11Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 12Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 13Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 14Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 15Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 16Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 17Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Pin description
ST7LITEUS2, ST7LITEUS5
14/136
Legend/abbreviations for Table 2
Type: I = input, O = output, S = supply
In/Output level: CT= CMOS 0.3 VDD /0.7 VDD with input trigger
Output level: HS = High sink (on N-buffer only)
Port and control configuration
●
Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog
●
Output: OD = open drain, PP = push-pull
The RESET configuration of each pin is shown in bold which is valid as long as the device is
in reset state.
Table 2.
Device pin description
Pin
no.
Pin name
Level
Port/control
Main
function
(after
reset)
Alternate function
Input
Output
1VDD
S
Main power supply
2
PA5/AIN4/CLKIN
I/
O
CT HS
X
ei4
X
X
X
Port A5
Analog input 4 or External Clock
Input
3PA4/AIN3/MCO
I/
O
CT HS
X
ei3
X
X
X
Port A4
Analog input 3 or main clock output
4
PA3/RESET (1)
O
X
X
X
Port A3
RESET(1)
5
PA2/AIN2/LTIC
I/
O
CT HS
X
ei2
X
X
X
Port A2
Analog input 2 or Lite Timer Input
Capture
6
PA1/AIN1/
ICCCLK
I/
O
CT HS
X
ei1
X
X
X
Port A1
Analog input 1 or In Circuit
Communication Clock
Caution: During normal operation
this pin must be pulled-up, internally
or externally (external pull-up of 10k
mandatory in noisy environment).
This is to avoid entering I2C mode
unexpectedly during a reset. In the
application, even if the pin is
configured as output, any reset will
put it back in pull-up
7
PA0/AIN0/ATPW
M/ICCDATA
I/
O
CT HS
X
ei0
X
X
X
Port A0
Analog input 0 or Auto-Reload
Timer PWM or In Circuit
Communication Data
8VSS
S
Ground
1.
After a reset, the multiplexed PA3/RESET pin will act as RESET. To configure this pin as output (Port A3), write 55h to
MUXCR0 and AAh to MUXCR1. For further details, please refer to Section 6.5 on page 37.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com