Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 24Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 25Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 26Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 27Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 28Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 29Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 30Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 31Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Supply, reset and clock management
ST7LITEUS2, ST7LITEUS5
28/136
6
Supply, reset and clock management
The device includes a range of utility features for securing the application in critical
situations (for example in case of a power brown-out), and reducing the number of external
components.
6.1
Main features
●
Clock management
–
8 MHz internal RC oscillator (enabled by option byte)
–
External clock Input (enabled by option byte)
●
Reset sequence manager (RSM)
●
System integrity management (SI)
–
Main supply low voltage detection (LVD) with reset generation (enabled by option
byte)
–
Auxiliary voltage detector (AVD) with interrupt capability for monitoring the main
supply
6.2
Internal RC oscillator adjustment
The ST7 contains an internal RC oscillator with a specific accuracy for a given device,
temperature and voltage. It can be selected as the start up clock through the CKSEL[1:0]
option bits (see Section 14.1 on page 123). It must be calibrated to obtain the frequency
required in the application. This is done by software writing a 10-bit calibration value in the
RCCR (RC Control register) and in the bits [6:5] in the SICSR (SI Control Status register).
Whenever the microcontroller is reset, the RCCR returns to its default value (FFh), i.e. each
time the device is reset, the calibration value must be loaded in the RCCR. Predefined
calibration values are stored in Flash memory for 3.3 and 5 V VDD supply voltages at 25°C,
as shown in the following table.
Table 5.
Predefined RC oscillator calibration values
RCCR
Conditions
ST7LITEUS2/ST7LITEUS5 address
RCCRH0
VDD=5 V
TA=25 °C
fRC=8 MHz
DEE0h(1) (CR[9:2] bits)
1.
DEE0h, DEE1h, DEE2h and DEE3h are located in a reserved area butare special bytes containing also
the RC calibration values which are read-accessible only in user mode. If all the Flash space (including the
RC calibration value locations) has been erased (after the readout protection removal), then the RC
calibration values can still be obtained through these two addresses.
RCCRL0
DEE1h 1) (CR[1:0] bits)
RCCRH1
VDD=3.3 V
TA=25 °C
fRC=8 MHz
DEE2h 1) (CR[9:2] bits)
RCCRL1
DEE3h 1) (CR[1:0] bits)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com