Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 62Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 63Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 64Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 65Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 66Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 67Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 68Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 69Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7LITEUS2, ST7LITEUS5
66/136
Figure 30.
Lite timer block diagram
10.1.3
Functional description
The value of the 13-bit counter cannot be read or written by software. After an MCU reset, it
starts incrementing from 0 at a frequency of fOSC. A counter overflow event occurs when the
counter rolls over from 1F39h to 00h. If fOSC = 8 MHz, then the time period between two
counter overflow events is 1 ms. This period can be doubled by setting the TB bit in the
LTCSR register.
When the timer overflows, the TBF bit is set by hardware and an interrupt request is
generated if the TBIE is set. The TBF bit is cleared by software reading the LTCSR register.
Watchdog
The watchdog is enabled using the WDGE bit. The normal watchdog timeout is 2 ms (@
fosc = 8 MHz), after which it then generates a reset.
To prevent this watchdog reset occurring, software must set the WDGD bit. The WDGD bit is
cleared by hardware after tWDG. This means that software must write to the WDGD bit at
regular intervals to prevent a watchdog reset occurring. Refer to Figure 31.
If the watchdog is not enabled immediately after reset, the first watchdog timeout will be
shorter than 2ms, because this period is counted starting from reset. Moreover, if a 2ms
period has already elapsed after the last MCU reset, the watchdog reset will take place as
soon as the WDGE bit is set. For these reasons, it is recommended to enable the watchdog
immediately after reset or else to set the WDGD bit before the WGDE bit so a watchdog
reset will not occur for at least 2 ms.
Note:
Software can use the timebase feature to set the WDGD bit at 1 or 2 ms intervals.
LTCSR
WATCHDOG
13-bit UPCOUNTER
/2
8-bit
fLTIMER
fWDG
8 MSB
LTIC
fOSC
WDGD
WDGE
WDG
TBF
TBIE
TB
ICF
ICIE
WATCHDOG RESET
LTTB INTERRUPT REQUEST
LTIC INTERRUPT REQUEST
LTICR
INPUT CAPTURE
REGISTER
1
0
1 or 2 ms
Timebase
(@ 8MHz
fOSC)
To 12-bit AT TImer
fLTIMER
RF
0
7
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com