Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 63Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 64Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 65Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 66Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 67Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 68Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 69Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 70Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
On-chip peripherals
67/136
A watchdog reset can be forced at any time by setting the WDGRF bit. To generate a forced
watchdog reset, first watchdog has to be activated by setting the WDGE bit and then the
WDGRF bit has to be set.
The WDGRF bit also acts as a flag, indicating that the watchdog was the source of the reset.
It is automatically cleared after it has been read.
Caution:
When the WDGRF bit is set, software must clear it, otherwise the next time the watchdog is
enabled (by hardware or software), the microcontroller will be immediately reset.
Hardware watchdog option
If hardware watchdog is selected by option byte, the watchdog is always active and the
WDGE bit in the LTCSR is not used.
Refer to the option byte description in the "device configuration and ordering information"
section.
Using Halt mode with the watchdog (option)
If the watchdog reset on Halt option is not selected by option byte, the Halt mode can be
used when the watchdog is enabled.
In this case, the HALT instruction stops the oscillator. When the oscillator is stopped, the Lite
Timer stops counting and is no longer able to generate a watchdog reset until the
microcontroller receives an external interrupt or a reset.
If an external interrupt is received, the WDG restarts counting after 256 or 512 CPU clocks.
If a reset is generated, the watchdog is disabled (reset state).
If Halt mode with watchdog is enabled by option byte (No watchdog reset on HALT
instruction), it is recommended before executing the HALT instruction to refresh the WDG
counter, to avoid an unexpected WDG reset immediately after waking up the microcontroller.
Figure 31.
Watchdog timing diagram
Input capture
The 8-bit input capture register is used to latch the free-running upcounter after a rising or
falling edge is detected on the LTIC pin. When an input capture occurs, the ICF bit is set and
the LTICR register contains the MSB of the free-running upcounter. An interrupt is
generated if the ICIE bit is set. The ICF bit is cleared by reading the LTICR register.
The LTICR is a read only register and always contains the data from the last input capture.
Input capture is inhibited if the ICF bit is set.
tWDG
fWDG
INTERNAL
WATCHDOG
RESET
WDGD BIT
SOFTWARE SETS
WDGD BIT
HARDWARE CLEARS
WDGD BIT
WATCHDOG RESET
(2ms @ 8 MHz fOSC)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com