Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7LITEUS5 Datasheet HTML 1Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 2Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 3Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 4Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 5Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 6Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 7Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 8Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
February 2009
Rev 5
1/136
1
ST7LITEUS2
ST7LITEUS5
8-bit MCU with single voltage Flash memory, ADC, timers
Features
■ Memories
– 1 Kbytes single-voltage Flash Program
memory with readout protection, ICP and
IAP)
10 K write/erase cycles guaranteed
data retention: 20 years at 55 °C
– 128 bytes RAM
■ Clock, Reset and Supply management
– 3-level low-voltage supervisor (LVD) and
auxiliary voltage detector (AVD) for safe
power-on/off
– Clock sources: internal trimmable 8 MHz
RC oscillator, internal low power, low
frequency RC oscillator or external clock
– Five power saving modes: Halt, Auto-
wakeup from Halt, Active-halt, Wait, Slow
■ Interrupt management
– 11 interrupt vectors plus TRAP and RESET
– 5 external interrupt lines (on 5 vectors)
■ I/O ports
– 5 multifunctional bidirectional I/O lines
– 1 additional Output line
– 6 alternate function lines
– 5 high sink outputs
■ 2 Timers
– One 8-bit Lite timer (LT) with prescaler
including: watchdog, one realtime base and
one 8-bit input capture.
– One 12-bit auto-reload timer (AT) with
output compare function and PWM
■ A/D Converter
– 10-bit resolution for 0 to VDD
– 5 input channels
■ Instruction Set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode
detection
– 17 main addressing modes
– 8x8 unsigned multiply instruction
■ Development Tools
– Full hardware/software development
package
– Debug module
Plastic DIP8
SO8
150”
DFN8
Plastic DIP16
Table 1.
Device summary
Features
ST7LITEUS2
ST7LITEUS5
Program memory
1 Kbytes
RAM (stack)
128 (64) bytes
Peripherals
LT Timer w/ Wdg, AT Timer w/ 1 PWM
ADC
-
10-bit
Operating Supply
2.4 to 3.3 V @fCPU=4 MHz, 3.3 to 5.5 V @fCPU=8 MHz
CPU Frequency
up to 8 MHz RC
Operating Temperature
-40 to +85 °C / -40 to 125 °C
Packages
SO8 150”, Pastic DIP8, DFN8, Pastic DIP16(1)
1.
For development or tool prototyping purposes only. Not orderable in production quantities.
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ST7LITEUS5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
8-bit MCU with single voltage Flash memory, ADC, timers
Jan-2007
More results

Similar Description - ST7LITEUS5

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
PROGRAMMABLE INTERRUPT CONTROLLER
logo
fujitsu semiconductor
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
INTERRUPT CONTROLLER
logo
List of Unclassifed Man...
41KD ETC-41KD Datasheet
459Kb / 8P
Interrupt Holding Register
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
Programmable Interrupt Controller
logo
STMicroelectronics
AN2593 STMICROELECTRONICS-AN2593 Datasheet
152Kb / 15P
STR91x interrupt management
26-Jan-2009
logo
Pericom Semiconductor C...
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
interrupt and reset
PI4IOE5V9675 PERICOM-PI4IOE5V9675 Datasheet
717Kb / 16P
interrupt Description
logo
Megawin Technology Co.,...
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
Interrupt controller
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
Interrupt controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com