Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 100Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 101Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 102Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 103Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 104Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 105Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 106Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 107Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7LITEUS2, ST7LITEUS5
104/136
12.6
Memory characteristics
TA = -40 to 125 °C, unless otherwise specified;
Table 57.
RAM and Hardware registers
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode 1)
Halt mode (or Reset)
1.6
V
Table 58.
Flash Program memory
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for Flash
write/erase
2.4(1)
1.
Minimum VDD supply voltage without losing data stored in RAM (in Halt mode or under reset) or in
hardware registers (only in Halt mode). Guaranteed by construction, not tested in production.
5.5
V
tprog
Programming time for 1~32
bytes(2)
2.
Up to 32 bytes can be programmed at a time.
TA=−40 to +125°C
5
10
ms
Programming time for 1 kByte
TA=+25°C
0.16
0.32
s
tRET
Data retention(3)
3.
Data based on reliability test results and monitored in production.
TA=+55°C
(4)
4.
The data retention time increases when the TA decreases.
20
years
NRW
Write erase cycles
TA=+25°C
10k(5)
5.
Design target value pending full product characterization.
cycles
IDD
Supply current(6)
6.
Guaranteed by Design. Not tested in production.
Read / Write / Erase
modes, fCPU = 8 MHz,
VDD = 5.5 V
2.6
mA
No Read/No Write
Mode
100
μA
Power down mode /
Halt
00.1
μA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com