Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 112Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 113Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 114Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 115Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 116Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 117Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 118Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 119Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7LITEUS2, ST7LITEUS5
116/136
Figure 63.
Typical application with ADC
Table 67.
ADC accuracy with VDD = 3.3 to 5.5 V
Symbol
(1)
1.
Data based on characterization results over the whole temperature range.
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error
fCPU=8 MHz,
fADC=4 MHz
(1)
2.1
5.0
LSB
|EO|
Offset error
0.2
2.5
|EG|
Gain Error
0.3
1.5
|ED|
Differential linearity error
1.9
3.5
|EL|
Integral linearity error
1.9
4.5
Table 68.
ADC accuracy with VDD = 2.7 to 3.3 V
Symbol
(1)
1.
Data based on characterization results over the whole temperature range.
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error
fCPU=4 MHz,
fADC=2 MHz
(1)
2.0
3.0
LSB
|EO|
Offset error
0.1
1.5
|EG|
Gain Error
0.4
1.4
|ED|
Differential linearity error
1.8
2.5
|EL|
Integral linearity error
1.7
2.5
Table 69.
ADC accuracy with VDD = 2.4V to 2.7V
Symbol
(1)
1.
Data based on characterization results at a temperature
≥ 25°C.
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error
fCPU=2 MHz,
fADC=1 MHz
(1)
2.2
3.5
LSB
|EO|
Offset error
0.5
1.5
|EG|
Gain Error
0.5
1.5
|ED|
Differential linearity error
1.8
2.5
|EL|
Integral linearity error
1.8
2.5
AINx
ST7LITEUSx
VDD
IL
±1
μA
VT
0.6V
VT
0.6V
CADC
VAIN
RAIN
10-Bit A/D
Conversion
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com