Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUS5 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 128Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 129Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 130Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 131Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 132Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 133Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 134Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 135Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Revision history
ST7LITEUS2, ST7LITEUS5
134/136
16
Revision history
Table 82.
Document revision history
Date
Revision
Changes
06-Feb-06
1
Initial release
18-Apr-06
2
Removed references to 3% RC
Added note below Figure 4
Modified presentation of Section 4.3.1
Added notes to Section 6.2 (above Figure 9), replaced 8-bit calibration value to
10-bit calibration value and changed application note reference (AN2326
instead of AN1324)
Modifed Table 7: Clock register map and reset values and added bit 1 in the
description of CKCNTCSR register
Modified Figure 13 (added CKCNTCSR register)
Added note 2 to EICRx description
Modified caution in section 7.2 on page 25
Replaced VIT+(LVD) by VIT+(LVD) in Section : Monitoring the VDD main supply
Modified LVDRF bit description in Section 7.4.4: Register description
Replaced “oscillator” by “main oscillator” in the second paragraph of
Section 8.4.2: Halt mode
Added note 1 to Figure 23 and added note 5 to Figure 24
Modified Section 8.5: Auto-wakeup from Halt mode
Replaced bit 1 by bit 2 for AWUF bit in Section 8.5.1: Register description
Modified Section 9.1: Introduction. Modified Section : External interrupt
function.Updated Section 9.5: Interrupts. Modified Section Table 47.: Operating
conditions with low voltage detector (LVD).
Modified Table 48: Auxiliary Voltage Detector (AVD) Thresholds. Modified
Table 49: Voltage drop between AVD flag set and LVD reset generation.
Modified Table 50: Internal RC oscillator calibrated at 5 V. Modified Table 53:
Supply current. Modified Table 54: On-chip peripherals. Modified Table 63:
General characteristics. Modified Table 64: Output driving current. Modified
Table 65: Asynchronous RESET pin characteristics. Modified Section 12.10:
ADC characteristics.
Added Figure 49. Modified Figure 61. Removed EMC protection circuitry in
Figure 62 (device works correctly without these components). Added
ECOPACK text in Section 13: Package characteristics. Modified first paragraph
in Section 14: Device configuration and ordering information. Modified
Table 79. Modified conditioning option in option list. Modified Section 14.3:
Development tools. Added Section 14.4: ST7 application notes. Added
Section : . Added erratasheet at the end of the document.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com