Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 131Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 132Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 133Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 134Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 135Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 136Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 137Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 138Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 135 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000D 044Ch
USBA
Frame Number Register
FRMNUM
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 044Eh
USBA
μFrame Number Register
UFRMNUM
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0450h
USBA
USB Address Register
USBADDR
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0454h
USBA
USB Request Type Register
USBREQ
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0456h
USBA
USB Request Value Register
USBVAL
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0458h
USBA
USB Request Index Register
USBINDX
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 045Ah
USBA
USB Request Length Register
USBLENG
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 045Ch
USBA
DCP Configuration Register
DCPCFG
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 045Eh
USBA
DCP Maximum Packet Size Register
DCPMAXP
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0460h
USBA
DCP Control Register
DCPCTR
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0464h
USBA
Pipe Window Select Register
PIPESEL
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0468h
USBA
Pipe Configuration Register
PIPECFG
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 046Ah
USBA
Pipe Buffer Register
PIPEBUF
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 046Ch
USBA
Pipe Maximum Packet Size Register
PIPEMAXP
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 046Eh
USBA
Pipe Cycle Control Register
PIPEPERI
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
Table 4.1
List of I/O Registers (Address Order) (64 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com