Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 129Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 130Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 131Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 132Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 133Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 134Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 135Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 136Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 133 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000D 0103h
RSPI0
RSPI Status Register
SPSR
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 0104h
RSPI0
RSPI Data Register
SPDR
32
16, 32
3, 4 PCLKA
2 ICLK
RSPIa
000D 0108h
RSPI0
RSPI Sequence Control Register
SPSCR
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 0109h
RSPI0
RSPI Sequence Status Register
SPSSR
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 010Ah
RSPI0
RSPI Bit Rate Register
SPBR
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 010Bh
RSPI0
RSPI Data Control Register
SPDCR
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 010Ch
RSPI0
RSPI Clock Delay Register
SPCKD
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 010Dh
RSPI0
RSPI Slave Select Negation Delay Register
SSLND
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 010Eh
RSPI0
RSPI Next-Access Delay Register
SPND
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 010Fh
RSPI0
RSPI Control Register 2
SPCR2
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 0110h
RSPI0
RSPI Command Register 0
SPCMD0
16
16
3, 4 PCLKA
2 ICLK
RSPIa
000D 0112h
RSPI0
RSPI Command Register 1
SPCMD1
16
16
3, 4 PCLKA
2 ICLK
RSPIa
000D 0114h
RSPI0
RSPI Command Register 2
SPCMD2
16
16
3, 4 PCLKA
2 ICLK
RSPIa
000D 0116h
RSPI0
RSPI Command Register 3
SPCMD3
16
16
3, 4 PCLKA
2 ICLK
RSPIa
000D 0118h
RSPI0
RSPI Command Register 4
SPCMD4
16
16
3, 4 PCLKA
2 ICLK
RSPIa
000D 011Ah
RSPI0
RSPI Command Register 5
SPCMD5
16
16
3, 4 PCLKA
2 ICLK
RSPIa
000D 011Ch
RSPI0
RSPI Command Register 6
SPCMD6
16
16
3, 4 PCLKA
2 ICLK
RSPIa
000D 011Eh
RSPI0
RSPI Command Register 7
SPCMD7
16
16
3, 4 PCLKA
2 ICLK
RSPIa
000D 0400h
USBA
System Configuration Control Register
SYSCFG
16
16
3, 4 PCLKB
2 ICLK
USBA
000D 0402h
USBA
CPU Bus Wait Register
BUSWAIT
16
16
3, 4 PCLKB
2 ICLK
USBA
000D 0404h
USBA
System Configuration Status Register
SYSSTS0
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0406h
USBA
PLL Status Register
PLLSTA
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0408h
USBA
Device State Control Register 0
DVSTCTR0
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0414h
USBA
CFIFO Port Register
CFIFO
32
8,16,32
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0418h
USBA
D0FIFO Port Register
D0FIFO
32
8,16,32
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 041Ch
USBA
D1FIFO Port Register
D1FIFO
32
8,16,32
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0420h
USBA
CFIFO Port Select Register
CFIFOSEL
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0422h
USBA
CFIFO Port Control Register
CFIFOCTR
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0428h
USBA
D0FIFO Port Select Register
D0FIFOSEL
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
Table 4.1
List of I/O Registers (Address Order) (62 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com