Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 133Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 134Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 135Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 136Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 137Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 138Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 139Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 140Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 137 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000D 049Ch
USBA
Pipe4 Transaction Counter Enable Register
PIPE4TRE
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 049Eh
USBA
Pipe4 Transaction Counter Register
PIPE4TRN
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 04A0h
USBA
Pipe5 Transaction Counter Enable Register
PIPE5TRE
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 04A2h
USBA
Pipe5 Transaction Counter Register
PIPE5TRN
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 04D0h
USBA
Device Address 0 Configuration Register
DEVADD0
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 04D2h
USBA
Device Address 1 Configuration Register
DEVADD1
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 04D4h
USBA
Device Address 2 Configuration Register
DEVADD2
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 04D6h
USBA
Device Address 3 Configuration Register
DEVADD3
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 04D8h
USBA
Device Address 4 Configuration Register
DEVADD4
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 04DAh
USBA
Device Address 5 Configuration Register
DEVADD5
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0500h
USBA
Low Power Control Register
LPCTRL
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0502h
USBA
Low Power Status Register
LPSTS
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0540h
USBA
Battery Charging Control Register
BCCTRL
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0544h
USBA
Function L1 Control Register 1
PL1CTRL1
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
000D 0546h
USBA
Function L1 Control Register 2
PL1CTRL2
16
16
(3 + BUSWAIT)
PCLKA or more
Rounded up to the
nearest integer
greater than 1 + (3 +
BUSWAIT) × (fre-
quency ratio of ICLK/
PCLKB)*5
USBA
Table 4.1
List of I/O Registers (Address Order) (66 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com