Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 136Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 137Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 138Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 139Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 140Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 141Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 142Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 143Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 140 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
5.2
DC Characteristics
Note 1. This does not include the pins, which are multiplexed as ports for 5 V tolerant.
Note 2. Ports 07, 11 to 17, 20, 21, 30 to 33, 67, and C0 to C3 are 5 V tolerant.
Note 3. For P32, P31, and P30, input as follows when the VBATT power supply is selected.
VIH Min. = VBATT × 0.8, VIH Max. = VBATT + 0.3, VIL Min. = –0.3, VIL Max. = VBATT × 0.2 (VBATT = 2.0 to 3.6 V)
Table 5.2
DC Characteristics (1)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
IRQ input pin*1
MTU input pin*1
GPT input pin*1
POE3 input pin*1
TPU input pin*1
TMR input pin*1
SCI input pin*1
ADTRG# input pin*1
RES#, NMI
VIH
VCC × 0.8
—
VCC + 0.3
V
VIL
–0.3
—
VCC × 0.2
∆V
T
VCC × 0.06
—
—
RIIC input pin
(except for SMBus)
VIH
VCC × 0.7
—
VCC + 3.6
(
≤ 5.8 max.)
VIL
–0.3
—
VCC × 0.3
∆V
T
VCC × 0.05
—
—
Ports for 5 V tolerant*2
VIH
VCC × 0.8
—
VCC + 3.6
(
≤ 5.8 max.)
VIL
–0.3
—
VCC × 0.2
Other input pins excluding ports
for 5 V tolerant*3
VIH
VCC × 0.8
—
VCC + 0.3
VIL
–0.3
—
VCC × 0.2
Input high voltage
(except for Schmitt
trigger input pin)
MD pin, EMLE
VIH
VCC × 0.9
—
VCC + 0.3
V
EXTAL, RSPI input pin,
EXDMAC input pin, WAIT#,
TCK, SSI input pin,
SDHI input pin, MMC input pin,
PDC input pin, QSPI input pin
VCC × 0.8
—
VCC + 0.3
ETHERC input pin
2.3
—
VCC + 0.3
D0 to D31
VCC × 0.7
—
VCC + 0.3
RIIC (SMBus)
2.1
—
5.8
Input low voltage
(except for Schmitt
trigger input pin)
MD pin, EMLE
VIL
–0.3
—
VCC × 0.1
V
EXTAL, RSPI input pin,
ETHERC input pin,
EXDMAC input pin, WAIT#, TCK,
SSI input pin,
SDHI input pin, MMC input pin,
PDC input pin, QSPI input pin
–0.3
—
VCC × 0.2
D0 to D31
–0.3
—
VCC × 0.3
RIIC (SMBus)
–0.3
—
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com